Electronic Components Datasheet Search
  English  ▼

X  

AX88655AB Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 25Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 26Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 27Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 28Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 29Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 30Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 31Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 32Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 33Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
Appendix B: Design Note
B.1 Using MII I/F connects to MAC
Using MII interface to connect to MAC type device application for AX88655AB is illustrated bellow.
10K
Gnd
AX88655AB / Switch
AX88195 / MAC
Note: 1. The MAC needs to run at full-duplex mode.
2. Care must be taken that the receive side has enough setup and/or hold time
3. Some kind of CPU with embedded MAC can also refer to this example
COL0
TX_EN0
TX_CLK0
TXD0[3:0]
CRS0
RX_DV0
RX_CLK0
RXD0[3:0]
COL
CRS
RX_DV
RX_CLK
RXD[3:0]
RX_ER
TX_EN
TX_CLK
TXD[3:0]
TX_ER
25MHz
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com