Electronic Components Datasheet Search
  English  ▼

X  

AX88655AB Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 4Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 11Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ASIX ELECTRONICS CORPORATION
8
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
COL1
I/PD
D18
Collision Detect: Please references section 2.1.1.
CRS1
I/PD
D19
Carrier Sense: Please references section 2.1.1.
RX_DV1
I
E19
Receive Data Valid: Please references section 2.1.1.
RX_CLK1
I
E18
Receive Clock Input: Please references section 2.1.1.
RXD1[7:0]
I/PD
E20, F17, F18,
F19, F20, G17,
G18, G19
Receive Data: Please references section 2.1.1.
2.1.6 RGMII/GMII/MII Interface Port 2
Signal Name
I/O
Pin No.
Description
GTX_CLK2
O
A18
125MHz Clock Output: Please references section 2.1.1.
TX_EN2
O
B18
Transmit Enable: Please references section 2.1.1.
TXD2[7:0]
O
C18, B19, A19,
A20, B20, C19,
C20, D20
Transmit Data: Please references section 2.1.1.
TX_CLK2
I/PD
C15
MII Transmit Clock Input: Please references section 2.1.1.
COL2
I/PD
D15
Collision Detect: Please references section 2.1.1.
CRS2
I/PD
D14
Carrier Sense: Please references section 2.1.1.
RX_DV2
I
A15
Receive Data Valid: Please references section 2.1.1.
RX_CLK2
I
B15
Receive Clock Input: Please references section 2.1.1.
RXD2[7:0]
I/PD
D16, C16, B16,
A16, D17,
C17, B17, A17
Receive Data: Please references section 2.1.1.
2.1.7 RGMII/GMII/MII Interface Port 3
Signal Name
I/O
Pin No.
Description
GTX_CLK3
O
A11
125MHz Clock Output: Please references section 2.1.1.
TX_EN3
O
C12
Transmit Enable: Please references section 2.1.1.
TXD3[7:0]
O
B12, A12, C13,
B13, A13, C14,
B14, A14
Transmit Data: Please references section 2.1.1.
TX_CLK3
I/PD
D9
MII Transmit Clock Input: Please references section 2.1.1.
COL3
I/PD
C8
Collision Detect: Please references section 2.1.1.
CRS3
I/PD
D8
Carrier Sense: Please references section 2.1.1.
RX_DV3
I
B9
Receive Data Valid: Please references section 2.1.1.
RX_CLK3
I
C9
Receive Clock Input: Please references section 2.1.1.
RXD3[7:0]
I/PD
A9, D10, C10,
B10, A10,
D11, C11, B11
Receive Data: Please references section 2.1.1.
2.1.8 RGMII/GMII/MII Interface Port 4
Signal Name
I/O
Pin No.
Description
GTX_CLK4
O
A5
125MHz Clock Output: Please references section 2.1.1.
TX_EN4
O
B5
Transmit Enable: Please references section 2.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com