Electronic Components Datasheet Search
  English  ▼

X  

AX88655AB Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 25Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 26Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 27Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 28Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 29Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 30Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 31Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 32Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 33Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
ASIX ELECTRONICS CORPORATION
33
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
Revision
Date
Comment
V. 0.5
11/07/02
Initial release.
V. 0.6
02/01/03
Modify X_IN clock from 27 to 25 and system clock from 90M to
83.3M
Register 0D modify
V. 0.7
2003/4/7
1. Appendix D resolutions setting on 30% (change from 34 to
4E)
2. Change pin name from NC to new name:
PIN #
New PIN name
D4
E_8051_EN
M19
F2
L19
CLK_80_IN
D3
USE_83M
D2
F2_CTL
M1
F1
3. Modify system clock to 90M
V. 0.8
2003/6/11
1. Add RGMII timing diagram
2. TRUNKING register correction
3. modify all GMII/MII to RGMII/GMII/MII
4F, NO.8, HSIN ANN RD., SCIENCE-BASED
INDUSTRIAL PARK, HSINCHU, TAIWAN, R.O.C.
TEL: 886-3-5799500
FAX: 886-3-5799558
Email: support@asix.com.tw
Web: http://www.asix.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com