Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 17Page - Texas Instruments TLV9101 Datasheet HTML 18Page - Texas Instruments TLV9101 Datasheet HTML 19Page - Texas Instruments TLV9101 Datasheet HTML 20Page - Texas Instruments TLV9101 Datasheet HTML 21Page - Texas Instruments TLV9101 Datasheet HTML 22Page - Texas Instruments TLV9101 Datasheet HTML 23Page - Texas Instruments TLV9101 Datasheet HTML 24Page - Texas Instruments TLV9101 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Frequency (Hz)
30
40
50
60
70
80
90
100
1M
10M
100M
1G
C004
21
TLV9101, TLV9102, TLV9104
www.ti.com
SBOS943A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 EMI Rejection
The TLV910x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV910x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 44 shows the results of this testing on the TLV910x. Table 2 shows the EMIRR IN+ values for the
TLV910x at particular frequencies commonly encountered in real-world applications. Table 2 lists applications
that may be centered on or operated near the particular frequency shown. The EMI Rejection Ratio of
Operational Amplifiers application report contains detailed information on the topic of EMIRR performance as it
relates to op amps and is available for download from www.ti.com.
Figure 44. TLV910x EMIRR Testing
Table 2. TLV910x EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
59.5 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
68.9 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
77.8 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
78.0 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.8 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
87.6 dB
7.3.2 Phase Reversal Protection
The TLV910x family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The TLV910x is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail. This performance is shown in Figure 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com