Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 7Page - Texas Instruments TLV9101 Datasheet HTML 8Page - Texas Instruments TLV9101 Datasheet HTML 9Page - Texas Instruments TLV9101 Datasheet HTML 10Page - Texas Instruments TLV9101 Datasheet HTML 11Page - Texas Instruments TLV9101 Datasheet HTML 12Page - Texas Instruments TLV9101 Datasheet HTML 13Page - Texas Instruments TLV9101 Datasheet HTML 14Page - Texas Instruments TLV9101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
TLV9101, TLV9102, TLV9104
www.ti.com
SBOS943A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3 , Figure 4
Offset Voltage vs Common-Mode Voltage
Figure 5, Figure 6, Figure 7 , Figure 8
Offset Voltage vs Power Supply
Figure 9
Open-Loop Gain and Phase vs Frequency
Figure 10
Closed-Loop Gain and Phase vs Frequency
Figure 11
Input Bias Current vs Common-Mode Voltage
Figure 12
Input Bias Current vs Temperature
Figure 13
Output Voltage Swing vs Output Current
Figure 14 , Figure 15, Figure 16, Figure 17
CMRR and PSRR vs Frequency
Figure 18
CMRR vs Temperature
Figure 19
PSRR vs Temperature
Figure 20
0.1-Hz to 10-Hz Noise
Figure 21
Input Voltage Noise Spectral Density vs Frequency
Figure 22
THD+N Ratio vs Frequency
Figure 23
THD+N vs Output Amplitude
Figure 24
Quiescent Current vs Supply Voltage
Figure 25
Quiescent Current vs Temperature
Figure 26
Open Loop Voltage Gain vs Temperature
Figure 27
Open Loop Output Impedance vs Frequency
Figure 28
Small Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 29, Figure 30
Phase Margin vs Capacitive Load
Figure 31
No Phase Reversal
Figure 32
Positive Overload Recovery
Figure 33
Negative Overload Recovery
Figure 34
Small-Signal Step Response (100 mV)
Figure 35, Figure 36
Large-Signal Step Response
Figure 37, Figure 38, Figure 39
Short-Circuit Current vs Temperature
Figure 40
Maximum Output Voltage vs Frequency
Figure 41
Channel Separation vs Frequency
Figure 42
EMIRR vs Frequency
Figure 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com