Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9101 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 24Page - Texas Instruments TLV9101 Datasheet HTML 25Page - Texas Instruments TLV9101 Datasheet HTML 26Page - Texas Instruments TLV9101 Datasheet HTML 27Page - Texas Instruments TLV9101 Datasheet HTML 28Page - Texas Instruments TLV9101 Datasheet HTML 29Page - Texas Instruments TLV9101 Datasheet HTML 30Page - Texas Instruments TLV9101 Datasheet HTML 31Page - Texas Instruments TLV9101 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
+
V+
V+
VOUT
VIN
R1
R2
VTH
28
TLV9101, TLV9102, TLV9104
SBOS943A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: TLV9102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV910x family offers excellent DC precision and DC performance. These devices operate up to 16-V
supply rails and offer true rail-to-rail input/output, low offset voltage and offset voltage drift, as well as 1.1-MHz
bandwidth and high output drive. These features make the TLV910x a robust, high-performance operational
amplifier for high-voltage industrial applications.
8.2 Typical Applications
8.2.1 High Voltage Precision Comparator
Many different systems require controlled voltages across numerous system nodes to ensure robust operation. A
comparator can be used to monitor and control voltages by comparing a reference threshold voltage with an
input voltage and providing an output when the input crosses this threshold.
The TLV910x family of op amps make excellent high voltage, precision comparators due to their robust input
stage, low typical offset, and high slew rate. Previous generation high-voltage op amps often use back-to-back
diodes across the inputs to prevent damage to the op amp which greatly limits these op amps to be used as
comparators, but the TLV910x's patented input stage allows the device to have a wide differential voltage
between the inputs.
Figure 53. Typical Comparator Application
8.2.1.1 Design Requirements
The primary objective is to design a 15-V precision comparator.
•
System supply voltage (V+): 15 V
•
Resistor 1 value: 100 kΩ
•
Resistor 2 value: 100 kΩ
•
Reference threshold voltage (VTH): 7.5 V
•
Input voltage range (VIN): 2.5 V – 12.5 V
•
Output voltage range (VOUT): 0 V – 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com