Electronic Components Datasheet Search
  English  ▼

X  

TLV9302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9302
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9302 Datasheet(HTML) 3 Page - Texas Instruments

  TLV9302 Datasheet HTML 1Page - Texas Instruments TLV9302 Datasheet HTML 2Page - Texas Instruments TLV9302 Datasheet HTML 3Page - Texas Instruments TLV9302 Datasheet HTML 4Page - Texas Instruments TLV9302 Datasheet HTML 5Page - Texas Instruments TLV9302 Datasheet HTML 6Page - Texas Instruments TLV9302 Datasheet HTML 7Page - Texas Instruments TLV9302 Datasheet HTML 8Page - Texas Instruments TLV9302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
3
TLV9301, TLV9302, TLV9304
www.ti.com
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV9301 DBV Package(1)
5-Pin SOT-23
Top View
(1)
Package is preview only.
TLV9301 DCK Package(1)
5-Pin SC70
Top View
(1)
Package is preview only.
Pin Functions: TLV9301
PIN
I/O
DESCRIPTION
NAME
DBV and DRL
DCK
+IN
3
1
I
Noninverting input
–IN
4
3
I
Inverting input
OUT
1
4
O
Output
V+
5
5
—
Positive (highest) power supply
V–
2
2
—
Negative (lowest) power supply
TLV9302 D, DDF, DGK, and PW Packages(1)
8-Pin SOIC, TSOT, TSSOP, and VSSOP
Top View
(1)
DDF, DGK, and PW packages are preview only.
Pin Functions: TLV9302
PIN
I/O
DESCRIPTION
NAME
SOIC, TSOT, TSSOP, and VSSOP
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com