Electronic Components Datasheet Search
  English  ▼

X  

TLV9302 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9302
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9302 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV9302 Datasheet HTML 5Page - Texas Instruments TLV9302 Datasheet HTML 6Page - Texas Instruments TLV9302 Datasheet HTML 7Page - Texas Instruments TLV9302 Datasheet HTML 8Page - Texas Instruments TLV9302 Datasheet HTML 9Page - Texas Instruments TLV9302 Datasheet HTML 10Page - Texas Instruments TLV9302 Datasheet HTML 11Page - Texas Instruments TLV9302 Datasheet HTML 12Page - Texas Instruments TLV9302 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
TLV9301, TLV9302, TLV9304
www.ti.com
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3 , Figure 4
Offset Voltage vs Common-Mode Voltage
Figure 5
Offset Voltage vs Power Supply
Figure 6
Open-Loop Gain and Phase vs Frequency
Figure 7
Closed-Loop Gain and Phase vs Frequency
Figure 8
Input Bias Current vs Common-Mode Voltage
Figure 9
Input Bias Current vs Temperature
Figure 10
Output Voltage Swing vs Output Current
Figure 11 , Figure 12, Figure 13, Figure 14
CMRR and PSRR vs Frequency
Figure 15
CMRR vs Temperature
Figure 16
PSRR vs Temperature
Figure 17
0.1-Hz to 10-Hz Noise
Figure 18
Input Voltage Noise Spectral Density vs Frequency
Figure 19
THD+N Ratio vs Frequency
Figure 20
THD+N vs Output Amplitude
Figure 21
Quiescent Current vs Supply Voltage
Figure 22
Quiescent Current vs Temperature
Figure 23
Open Loop Voltage Gain vs Temperature
Figure 24
Open Loop Output Impedance vs Frequency
Figure 25
Small Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 26, Figure 27
Phase Margin vs Capacitive Load
Figure 28
No Phase Reversal
Figure 29
Positive Overload Recovery
Figure 30
Negative Overload Recovery
Figure 31
Small-Signal Step Response (100 mV)
Figure 32, Figure 33
Large-Signal Step Response
Figure 34, Figure 35, Figure 36
Short-Circuit Current vs Temperature
Figure 37
Maximum Output Voltage vs Frequency
Figure 38
Channel Separation vs Frequency
Figure 39
EMIRR vs Frequency
Figure 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com