Electronic Components Datasheet Search
  English  ▼

X  

TLV9302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9302
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9302 Datasheet HTML 9Page - Texas Instruments TLV9302 Datasheet HTML 10Page - Texas Instruments TLV9302 Datasheet HTML 11Page - Texas Instruments TLV9302 Datasheet HTML 12Page - Texas Instruments TLV9302 Datasheet HTML 13Page - Texas Instruments TLV9302 Datasheet HTML 14Page - Texas Instruments TLV9302 Datasheet HTML 15Page - Texas Instruments TLV9302 Datasheet HTML 16Page - Texas Instruments TLV9302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
120
124
128
132
136
140
144
148
152
D023
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
130
135
140
145
150
D022
Amplitude (VRMS)
0.001
0.01
0.05
0.2
0.5
1
2 3 45 7 10 20
20
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
-24
OPA2
C023
RL = 10 k:
RL = 2 k:
RL = 549 :
RL = 128 :
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
110
115
120
125
130
135
140
145
150
D021
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
C017
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
100
1k
10k
C012
RL = 10 k:
RL = 2 k:
RL = 600 :
RL = 128 :
13
TLV9301, TLV9302, TLV9304
www.ti.com
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 19. Input Voltage Noise Spectral Density vs
Frequency
BW = 80 kHz, VOUT = 3.5 VRMS
Figure 20. THD+N Ratio vs Frequency
BW = 80 kHz, f = 1 kHz
Figure 21. THD+N vs Output Amplitude
Figure 22. Quiescent Current vs Supply Voltage
Figure 23. Quiescent Current vs Temperature
Figure 24. Open-Loop Voltage Gain vs Temperature (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com