Electronic Components Datasheet Search
  English  ▼

X  

ADS8381IPFBTG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8381IPFBTG4
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8381IPFBTG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8381IPFBTG4 Datasheet HTML 17Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 18Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 19Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 20Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 21Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 22Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 23Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 24Page - Texas Instruments ADS8381IPFBTG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
21
Figure 29
1
1.5
2
2.5
3
3.5
4
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
INTEGRAL NONLINEARITY (MAX)
vs
REFERENCE VOLTAGE
Vref − Reference Voltage − V
+VBD = 5 V,
+VA = 5 V,
TA = 255C,
fS = 580 kHz
Figure 30
−0.3
−0.28
−0.26
−0.24
−0.22
−0.20
−0.18
−0.16
−0.14
−0.12
−0.1
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
OFFSET ERROR
vs
REFERENCE VOLTAGE
Vref − Reference Voltage − V
+VBD = 5 V,
+VA = 5 V,
TA = 255C,
fS = 580 kHz
Figure 31
TA − Free-Air Temperature − °C
SIGNAL-TO-NOISE RATIO
vs
FREE-AIR TEMPERATURE
85
85.5
86
86.5
87
87.5
88
88.5
89
89.5
90
−40
−15
10
35
60
85
+VBD = 3 V,
+VA = 5 V,
TA = 255C,
fi = 100 kHz,
fS = 580 kHz,
Vref = 4 V
Figure 32
−105
−103
−101
−99
−97
−95
−93
−91
−89
−87
−85
−40
−15
10
35
60
85
TOTAL HARMONIC DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
+VBD = 3 V,
+VA = 5 V,
TA = 255C,
fi = 100 kHz,
fS = 580 kHz,
Vref = 4 V,
Input = FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com