Electronic Components Datasheet Search
  English  ▼

X  

40P03 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 40P03
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

40P03 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  40P03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
IC
1
DIP Type
MOSFET
TO-220
1 2 3
www.kexin.com.cn
1 GATE
2 DRAIN
3 SOURCE
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
P-Channel Enhancement MOSFET
40P03
■ Features
● VDS (V) =-30V,ID =-30 A
● RDS(ON) < 28mΩ (VGS =-10V)
● RDS(ON) < 50mΩ (VGS =-4.5V)
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VD S
-30
Gate-Source Voltage
VGS
±20
Continuous Drain Current
TC=25℃
-30
TC=100℃
-18
Pulsed Drain Current
IDM
-120
Power Dissipation
PD
31.3
W
Thermal Resistance.Junction- to-Ambient
RthJA
110
Thermal Resistance.Junction- to-Case
Rthc
4
Junction and Storage Temperature Range
TJ, TSTG
-55 to 150
℃
V
℃/W
A
ID
G
D
S


Similar Part No. - 40P03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
P-Channel 30-V (D-S) MOSFET
40P03. VBSEMI-40P03. Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
40P03GH VBSEMI-40P03GH Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40P03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com