Electronic Components Datasheet Search
  English  ▼

X  

40P03 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 40P03
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

40P03 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  40P03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.kexin.com.cn
4
DIP Type
MOSFET
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Q G , Total Gate Charge (nC)
V DS =- 24 V
I D =-1 8 A
100
1000
10000
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T c =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
■ Typical Characteristics
40P03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com