Electronic Components Datasheet Search
  English  ▼

X  

40P03 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 40P03
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

40P03 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  40P03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 40P03 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.kexin.com.cn
2
SMD Type
IC
MOSFET
DIP Type
40P03
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-30V, VGS=0V
-1
VDS=-24V, VGS=0V, TJ=150℃
-25
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1
-3
V
VGS=-10V, ID =-18A
28
VGS=-4.5V, ID=-10A
50
Forward Transconductance
gFS
VDS=-10V, ID=-18A
20
S
Input Capacitance
Ciss
915
1465
Output Capacitance
Coss
280
Reverse Transfer Capacitance
C rss
195
Total Gate Charge
Qg
14
22
Gate Source Charge
Qgs
3
Gate Drain Charge
Qgd
9
Turn-On DelayTime
td(on)
12
Turn-On Rise Time
tr
56
Turn-Off DelayTime
td(off)
30
Turn-Off Fall Time
tf
57
Body Diode R everse Recovery Time
trr
IS=-18A, dI/dt=-100A/μs
30
Body Diode R everse Recovery Charge
Qrr
IS=-18A, dI/dt=-100A/μs
21
nC
Diode Forward Voltage
VSD
IS=-18A,VGS=0V
-1.2
V
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μA
mΩ
VGS=-10V, VDS=-15V, RD =0.8Ω,
RG=3.3Ω, ID=-18A
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-25V, f=1MHz
VGS=-4.5V, VDS=-24V, ID=-18A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com