Electronic Components Datasheet Search
  English  ▼

X  

IRF7326D2 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7326D2
Description  FETKY MOSFET / Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7326D2 Datasheet(HTML) 4 Page - International Rectifier

  IRF7326D2 Datasheet HTML 1Page - International Rectifier IRF7326D2 Datasheet HTML 2Page - International Rectifier IRF7326D2 Datasheet HTML 3Page - International Rectifier IRF7326D2 Datasheet HTML 4Page - International Rectifier IRF7326D2 Datasheet HTML 5Page - International Rectifier IRF7326D2 Datasheet HTML 6Page - International Rectifier IRF7326D2 Datasheet HTML 7Page - International Rectifier IRF7326D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7326D2
4
www.irf.com
Power Mosfet Characteristics
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
200
400
600
800
1000
1
1 0
100
A
DS
-V
, Drain -to -S ource V o ltag e (V )
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
iss
g s
g d
d s
rs s
g d
o s s
d s
g d
C iss
C oss
C rss
0
4
8
12
16
20
0
5
10
15
20
25
Q
, Total G ate C harge (nC )
G
A
I
= -3.0A
V
= -24 V
DS
D
FO R T E S T CIRCU IT
SE E FIG U R E 12
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
1.5
T = 25 °C
T = 150°C
J
J
V
= 0 V
GS
SD
A
-V
, S ource -to-D rain Vo lta g e (V )
1
10
100
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com