Electronic Components Datasheet Search
  English  ▼

X  

IRF7326D2 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7326D2
Description  FETKY MOSFET / Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7326D2 Datasheet(HTML) 6 Page - International Rectifier

  IRF7326D2 Datasheet HTML 1Page - International Rectifier IRF7326D2 Datasheet HTML 2Page - International Rectifier IRF7326D2 Datasheet HTML 3Page - International Rectifier IRF7326D2 Datasheet HTML 4Page - International Rectifier IRF7326D2 Datasheet HTML 5Page - International Rectifier IRF7326D2 Datasheet HTML 6Page - International Rectifier IRF7326D2 Datasheet HTML 7Page - International Rectifier IRF7326D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7326D2
6
www.irf.com
Schottky Diode Characteristics
Fig. 13 - Typical Values of
Reverse Current Vs. Reverse
Voltage
Fig. 12 - Typical Forward Voltage Drop
Characteristics
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
R
100°C
75°C
50°C
25°C
125°C
A
T = 150°C
J
Reverse Voltage - V
(V)
Fig.14 - Maximum Allowable Ambient
Temp. Vs. Forward Current
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F(AV )
A
Av era ge F orw ard C urrent - I
(A )
D = 3/4
D = 1/2
D =1 /3
D = 1/4
D = 1/5
V
= 8 0 % R ated
R
= 6 2.5° C /W
Sq uare wave
thJA
r
DC
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
( )
T = 150°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - VF (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com