Electronic Components Datasheet Search
  English  ▼

X  

IRF7326D2 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7326D2
Description  FETKY MOSFET / Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7326D2 Datasheet(HTML) 5 Page - International Rectifier

  IRF7326D2 Datasheet HTML 1Page - International Rectifier IRF7326D2 Datasheet HTML 2Page - International Rectifier IRF7326D2 Datasheet HTML 3Page - International Rectifier IRF7326D2 Datasheet HTML 4Page - International Rectifier IRF7326D2 Datasheet HTML 5Page - International Rectifier IRF7326D2 Datasheet HTML 6Page - International Rectifier IRF7326D2 Datasheet HTML 7Page - International Rectifier IRF7326D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7326D2
www.irf.com
5
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10. Typical On-Resistance Vs. Drain
Current
Fig 11. Typical On-Resistance Vs. Gate
Voltage
Fig 9. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Power Mosfet Characteristics
0
2
4
6
8
10
12
14
0.00
0.10
0.20
0.30
0.40
0.50
-I
, Drain Current (A)
D
VGS = -4.5V
VGS = -10V
4
6
8
10
12
14
16
0.06
0.08
0.10
0.12
0.14
-V
, Gate-to-Source Voltage (V)
GS
ID = -3.6A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com