Electronic Components Datasheet Search
  English  ▼

X  

LXT975 Datasheet(PDF) 22 Page - Intel Corporation

Part # LXT975
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975 Datasheet(HTML) 22 Page - Intel Corporation

Back Button LXT975 Datasheet HTML 18Page - Intel Corporation LXT975 Datasheet HTML 19Page - Intel Corporation LXT975 Datasheet HTML 20Page - Intel Corporation LXT975 Datasheet HTML 21Page - Intel Corporation LXT975 Datasheet HTML 22Page - Intel Corporation LXT975 Datasheet HTML 23Page - Intel Corporation LXT975 Datasheet HTML 24Page - Intel Corporation LXT975 Datasheet HTML 25Page - Intel Corporation LXT975 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
22
Datasheet
Transmit Clock
The LXT974/975 is the master clock source for data transmission. The LXT974/975 automatically
sets the speed of TX_CLK to match port conditions. If the port is operating at 100 Mbps, TX_CLK
is set to 25 MHz. If the port is operating at 10 Mbps, TX_CLK is set to 2.5 MHz. The transmit data
and control signals must always be synchronized to TX_CLK by the MAC. The LXT974/975
normally samples these signals on the rising edge of TX_CLK.
However, Advanced TX_CLK Mode is available by setting MII register bit 19.5=1. In this mode,
the LXT974/975 samples the transmit data and control signals on the falling edge of TX_CLK.
When operating under MDIO Control, the user can advance the transmit clock relative to
TXD<3:0> and TX_ER. When Advance TX_CLK Mode is selected, the LXT974/975 clocks TXD
data in on the falling edge of TX_CLK, instead of the rising edge. This mode provides an increase
in timing margins of TXD, relative to TX_CLK. Advance TX_CLK Mode is enabled when bit 19.5
= 1.
Transmit Enable
The MAC must assert TX_EN the same time as the first nibble of preamble, and de-assert TX_EN
after the last bit of the packet.
Receive Data Valid
The LXT974/975 asserts RX_DV when it receives a valid packet. Timing changes depend on line
operating speed:
• For 100TX and 100FX links, RX_DV is asserted from the first nibble of preamble to the last
nibble of the data packet.
• For 10BT links, the entire preamble is truncated. RX_DV is asserted with the first nibble of
the Start of Frame Delimiter (SFD) “5D” and remains asserted until the end of the packet.
Error Signals
Whenever the LXT974/975 receives an errored symbol from the network, it asserts RX_ER and
drives “1110” on the RXD pins.
When the MAC asserts TX_ER, the LXT974/975 drives “H” symbols out on the line.
Figure 6. MII Data Interface
LXT974/975
Media Access
Controller
MAC
RX_CLKn
RXD<3:0>n
RX_DVn
RX_ERn
TX_CLKn
TXD<3:0>n
TX_ENn
TX_ERn
CRSn
COLn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com