Electronic Components Datasheet Search
  English  ▼

X  

LXT975 Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT975
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975 Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT975 Datasheet HTML 26Page - Intel Corporation LXT975 Datasheet HTML 27Page - Intel Corporation LXT975 Datasheet HTML 28Page - Intel Corporation LXT975 Datasheet HTML 29Page - Intel Corporation LXT975 Datasheet HTML 30Page - Intel Corporation LXT975 Datasheet HTML 31Page - Intel Corporation LXT975 Datasheet HTML 32Page - Intel Corporation LXT975 Datasheet HTML 33Page - Intel Corporation LXT975 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
30
Datasheet
2.5
100 Mbps Operation
2.5.1
100BASE-X MII Operations
The LXT974/975 encodes and scrambles the data sent by the MAC, and then transmits it using
MLT3 signaling. The LXT974/975 descrambles and decodes MLT3 data received from the
network.
When the MAC is not actively transmitting data, the LXT974/975 sends out Idle symbols.
The 100BASE-X protocol specifies the use of a 5-bit symbol code on the network media.
However, data is normally transmitted across the MII interface in 4-bit nibbles. The LXT974/975
incorporates a 4B/5B encoder/decoder circuit that translates 4-bit nibbles from the MII into 5-bit
symbols for the 100BASE-X connection, and translates 5-bit symbols from the 100BASE-X
connection into 4-bit nibbles for the MII. Table 12 shows the data conversion flow from nibbles to
symbols. Table 19 on page 32 shows 4B/5B symbol coding (not all symbols are valid).
2.5.2
100BASE-X Network Operations
During 100BASE-X operation, the LXT974/975 transmits and receives 5-bit symbols across the
network link. Figure 14 shows the structure of a standard frame packet. When the MAC is not
actively transmitting data, the LXT974/975 sends out Idle symbols on the line.
In 100TX mode, the LXT974/975 scrambles the data and transmits it to the network using MLT-3
line code. The MLT-3 signals received from the network are descrambled and decoded and sent
across the MII to the MAC.
Figure 12. LXT974/975 Auto-Negotiation Operation
Check Value
0.12
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Set
NO
YES
Power-Up, Reset,
Link Failure
Disable
Auto-Negotiation
0.12 = 0
0.12 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com