Electronic Components Datasheet Search
  English  ▼

X  

LXT975 Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT975
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975 Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT975 Datasheet HTML 25Page - Intel Corporation LXT975 Datasheet HTML 26Page - Intel Corporation LXT975 Datasheet HTML 27Page - Intel Corporation LXT975 Datasheet HTML 28Page - Intel Corporation LXT975 Datasheet HTML 29Page - Intel Corporation LXT975 Datasheet HTML 30Page - Intel Corporation LXT975 Datasheet HTML 31Page - Intel Corporation LXT975 Datasheet HTML 32Page - Intel Corporation LXT975 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
29
2.4
Auto-Negotiation
The LXT974/975 attempts to auto-negotiate with its counterpart across the link by sending Fast
Link Pulse (FLP) bursts. Each burst consists of 33 link pulses spaced 62.5
µs apart. Odd link
pulses (clock pulses) are always present. Even link pulses (data pulses) may be present or absent to
indicate a “1” or a “0”. Each FLP burst exchanges 16 bits of data, which are referred to as a
“page”. All devices that support auto-negotiation must support a “Base Page” as defined in the
IEEE 802.3 standard.
By exchanging Base Pages, the LXT974/975 and its link partner communicate their capabilities to
each other. Both sides must receive at least three identical base pages for negotiation to proceed.
Each side finds the highest common capabilities that both sides support. Both sides then exchange
more pages, and finally agree on the operating state of the line.
2.4.1
Parallel Detection
In parallel with auto-negotiation, the LXT974/975 also monitors for 10 Mbps Normal Link Pulses
(NLP) or 100 Mbps Idle symbols. If either is detected, the device automatically reverts to the
corresponding operating mode. Parallel detection allows the LXT974/975 to communicate with
devices that do not support auto-negotiation.
2.4.2
Controlling Auto-Negotiation
When auto-negotiation is controlled by software, the following steps are recommended:
• After power-up, power-down, or reset, the power- down recovery time, as specified in Table
41 on page 62, must be exhausted before proceeding.
• Set the auto-negotiation advertisement register bits.
• Enable auto-negotiation by setting MDIO
bit 0.12 = 1.
2.4.3
Monitoring Auto-Negotiation
When auto-negotiation is being monitored, the following apply:
• Bit 20.13 is set to 1 once the link is established.
• Bits 20.12 and 20.11 can be used to determine the link operating conditions (speed and
duplex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com