Electronic Components Datasheet Search
  English  ▼

X  

LXT975BHC Datasheet(PDF) 64 Page - Intel Corporation

Part # LXT975BHC
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC Datasheet(HTML) 64 Page - Intel Corporation

Back Button LXT975BHC Datasheet HTML 60Page - Intel Corporation LXT975BHC Datasheet HTML 61Page - Intel Corporation LXT975BHC Datasheet HTML 62Page - Intel Corporation LXT975BHC Datasheet HTML 63Page - Intel Corporation LXT975BHC Datasheet HTML 64Page - Intel Corporation LXT975BHC Datasheet HTML 65Page - Intel Corporation LXT975BHC Datasheet HTML 66Page - Intel Corporation LXT975BHC Datasheet HTML 67Page - Intel Corporation LXT975BHC Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
64
Datasheet
Table 44. Control Register
Bit
Name
Description
Type 1
Default
0.15
Reset
1 = Reset port.
0 = Enable normal operation.
R/W
SC
0
0.14
Loopback
1 = Enable loopback mode.
0 = Disable loopback mode.
R/W
0
0.13
Speed
Selection
1 = 100 Mbps.
0 = 10 Mbps.
R/W
Note 2
0.12
Auto-Negotiation
Enable
1 = Enable auto-negotiate process (overrides speed select and
duplex mode bits).
0 = Disable auto-negotiate process.
R/W
Note 3
0.11
Power Down
1 = Enable power down.
0 = Enable normal operation.
R/W
Note 4
0.10
Isolate
1 = Electrically isolate port from MII.
0 = Normal operation.
R/W
Note 5
0.9
Restart Auto-
Negotiation
1 = Restart auto-negotiation process.
0 = Normal operation.
R/W
SC
Note 6
0.8
Duplex Mode
1 = Enable full-duplex.
0 = Enable half-duplex.
R/W
Note 7
0.7
Collision Test
1 = Enable COL signal test.
0 = Disable COL signal test.
R/W
Note 8
0.6:4
Transceiver Test
Mode
Not supported.
RO
0
0.3
Master-Slave
Enable
Not supported.
RO
0
0.2
Master-Slave Value
Not supported.
RO
0
0.1:0
Reserved
Write as 0; ignore on read.
R/W
N/A
1. R/W = Read/Write
RO = Read Only
SC = Self Clearing
2. If auto-negotiation is enabled, this bit is ignored. If auto-negotiation is disabled, the default value of bit 0.13 is determined by
CFG_0.
3. If SD_TXn is tied High or to a 5V PECL input (FX Mode), the default value of bit 0.12 = 0. If SD_TXn is tied Low (TP Mode),
the default value of bit 0.12 is determined by AUTOENA.
4. The LXT974/975 internally holds all set values of the configuration registers upon exiting power down mode. A delay of 500
ns minimum is required from the time power down is cleared until any register can be written.
5. The default value of bit 0.10 is determined by pin TRSTEn.
6. If auto-negotiation is enabled, the default value of bit 0.9 is determined by CFG_0.
If auto-negotiation is disabled, the bit is ignored.
7. If auto-negotiation is enabled, this bit is ignored. If auto-negotiation is disabled and the port is operating in TX mode, the
default value of bit 0.8 is determined by pin FDE. If auto-negotiation is disabled and the port is operating in FX mode, the
default value of bit 0.8 is determined by pin FDE_FX.
8. This bit is ignored unless loopback is enabled (bit 0.14 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com