Electronic Components Datasheet Search
  English  ▼

X  

LXT975BHC Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT975BHC
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT975BHC Datasheet HTML 24Page - Intel Corporation LXT975BHC Datasheet HTML 25Page - Intel Corporation LXT975BHC Datasheet HTML 26Page - Intel Corporation LXT975BHC Datasheet HTML 27Page - Intel Corporation LXT975BHC Datasheet HTML 28Page - Intel Corporation LXT975BHC Datasheet HTML 29Page - Intel Corporation LXT975BHC Datasheet HTML 30Page - Intel Corporation LXT975BHC Datasheet HTML 31Page - Intel Corporation LXT975BHC Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
28
Datasheet
2.3.3
Link Configuration
When the LXT974/975 is first powered on, reset, or encounters a link failure state, it must
determine the line speed and operating conditions to use for the network link.
The LXT974/975 first checks the Hardware Control Interface pins and MDIO registers. Using
these mechanisms, the user can command the LXT974/975 to do one of the following:
• Force network link to 100FX (Fiber).
• Force network link operation to:
100TX, Full-Duplex
100TX, Half-Duplex
10BASE-T, Full-Duplex
10BASE-T, Half-Duplex
• Allow auto-negotiation/parallel-detection. The Hardware Control Interface pins are used to set
the state of the MDIO advertisement registers.
When forcing the network link, the LXT974/975 immediately begins operating the network
interface as commanded. When auto-negotiation is enabled, the auto-negotiation / parallel-
detection operation begins.
Table 18. Mode Control Settings
Mode
MDDIS
Pin 100
RESET
Pin 109
PWR
DWN
Pin 102
MDIO Control
Low
High
Low
Manual Control
High
High
Low
Reset
-
Low
Low
Power Down
-
-
High
Figure 11. Hardware Interface Mode Selection
Power-up or Reset
Check Value
MDDIS
High
Low
MDIO Control
Mode
Exit
Manual Control
Mode
Disable MDIO Writes
Read H/W Control
Interface
Initialize MDIO Registers
Read H/W Control
Interface
Pass Control to MDIO
Interface
Update MDIO Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com