Electronic Components Datasheet Search
  English  ▼

X  

LXT975BHC Datasheet(PDF) 20 Page - Intel Corporation

Part # LXT975BHC
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC Datasheet(HTML) 20 Page - Intel Corporation

Back Button LXT975BHC Datasheet HTML 16Page - Intel Corporation LXT975BHC Datasheet HTML 17Page - Intel Corporation LXT975BHC Datasheet HTML 18Page - Intel Corporation LXT975BHC Datasheet HTML 19Page - Intel Corporation LXT975BHC Datasheet HTML 20Page - Intel Corporation LXT975BHC Datasheet HTML 21Page - Intel Corporation LXT975BHC Datasheet HTML 22Page - Intel Corporation LXT975BHC Datasheet HTML 23Page - Intel Corporation LXT975BHC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
20
Datasheet
2.2
Network Media / Protocol Support
The LXT974/975 supports both 10BASE-T and 100BASE-TX Ethernet over twisted-pair, or 100
Mbps Ethernet over fiber media (100BASE-FX). A Media Independent Interface (MII) is used for
communication with the Media Access Controller (MAC).
2.2.1
10/100 Mbps Network Interface
Each of the four network interface ports consists of four external pins (two differential signal
pairs). The pins are shared between twisted-pair (TP) and fiber. Signal assignments (input or
output, positive or negative) vary depending on whether the port is configured for TP or fiber
media. Refer to Table 1 through Table 6 for specific pin assignments.
The LXT974/975 output drivers generate either 100BASE-TX, 10BASE-T, or 100BASE-FX
output. When not transmitting data, the LXT974/975 generates 802.3-compliant link pulses or idle
code. Input signals are decoded either as a 100BASE-TX, 100BASE-FX, or 10BASE-T input,
depending on the mode selected. Auto-negotiation/parallel detection or manual control is used to
determine the speed of this interface.
2.2.1.1
Twisted-Pair Interface
When operating at 100 Mbps, MLT3 symbols are continuously transmitted and received. When not
transmitting data, the LXT974/975 generates “IDLE” symbols.
During 10 Mbps operation, Manchester-encoded data is exchanged. When no data is being
exchanged, the line is left in an idle state.
In 100 Mbps mode, the LXT974/975 is capable of driving a 100BASE-TX connection over 100
Ω,
Category
5, Unshielded Twisted Pair (UTP). A 10BASE-T connection can be supported using
100
Ω Category 3, UTP.
Figure 5. LXT975 Switch Application
Stacked RJ-45
10 or 100 Mbps
LXT975
10/100 Quad
Transceiver
QUAD
Transformer
Fiber
Module
Backplane
Memory
Fiber
Module
Fiber
Module
Fiber
Module
LXT974
10/100
Quad Transceiver
Switch
MAC ASIC
LXT975
10/100 Quad
Transceiver
LXT975
10/100 Quad
Transceiver
LXT975
10/100 Quad
Transceiver
QUAD
Transformer
QUAD
Transformer
QUAD
Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com