Electronic Components Datasheet Search
  English  ▼

X  

FAC1410 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FAC1410
Description  2A 380KHZ 20V PWM Buck DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1410 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FAC1410 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2A 380KHZ 20V PWM Buck DC/DC Converter
Typical Application Circuit
Fig8. Typical Application Circuit @ 5V/2A
Fig9. Typical Application Circuit @ 3.3V/2A
FAC1410
FAC1410
5.5V~20V
DC INPUT
4.5V~20V
DC INPUT
5V2A
3.3V2A
R2=2K
R1=6.2K
R2=3.6K
R1=6.2K
2007. 12. 18
6/10
FAC1410
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com