Electronic Components Datasheet Search
  English  ▼

X  

FAC1410 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC1410
Description  2A 380KHZ 20V PWM Buck DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1410 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC1410 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2A 380KHZ 20V PWM Buck DC/DC Converter
Pin Configurations
Figure 2 Pin Configuration of FAC1410 (Top View)
Pin Description
Pin Number
Pin Name
Description
1,6, 8
NC
Not Connect.
2
Vin
Supply Voltage Input Pin. FAC1410 operates from a 3.6V to 20V
DC voltage. Bypass Vin to GND with a suitably large capacitor
to eliminate noise on the input.
3
SW
Power Switch Output Pin. SW is the switch node that supplies
power to the output.
4
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor ground
path to prevent switching current spikes from inducing voltage
noise into FAC1410.
5
FB
Feedback Pin. Through an external resistor divider network, FB
senses the output voltage and regulates it. The feedback
threshold voltage is 1.222V.
7
EN
Enable Pin. EN is a digital input that turns the regulator on or
off .Drive EN pin high to turn on the regulator, drive it low to
turn it off.
Ordering Information
X
X
FAC1410
Circuit Type
Package
F : SOP8
Packing
Blank: Tube
R:
Type and Reel
2007. 12. 18
2/10
FAC1410
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com