Electronic Components Datasheet Search
  English  ▼

X  

FAC1410 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FAC1410
Description  2A 380KHZ 20V PWM Buck DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1410 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FAC1410 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1410 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2A 380KHZ 20V PWM Buck DC/DC Converter
Schottky Rectifier Selection Guide
2A Load Current
Vin (Max)
Part Number
B220
SK23
20V
SR22
Table 1 lists some rectifier manufacturers.
Web Site
Vendor
No.
Diodes, Inc.
Fairchild Semiconductor
General Semiconductor
International Rectifier
On Semiconductor
Pan Jit International
1
2
3
4
5
6
Table 2 Schottky Diode manufacturers.
Output Voltage VS R1, R2 Resistor Selection Guide
Vout = (1+R1/R2)*1.222V
1
R
t
u
o
V
R2
1.8V
3.9K
8.2K
2.5V
3.2K
3K
3.3V
6.2K
3.6K
5V
6.2K
2K
9V
13K
2K
12V
16K
1.8K
Table 3. Vout VS. R1, R2 Select Table
2007. 12. 18
8/10
FAC1410
Revision No : 0
Vendor
1
6
6
www.diodes.com
www.fairchildsemi.com
www.gensemi.com
www.irf.com
www.onsemi.com
www.panjit.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com