Electronic Components Datasheet Search
  English  ▼

X  

FAC1509 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FAC1509
Description  2A 150KHZ PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1509 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FAC1509 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Unit
Value
Parameter
V
-0.3 to 45
Supply Voltage VIN
V
-0.3 to VIN+0.3
Feedback VFB pin voltage
V
ON/OFF Pin voltage
V
Output pin voltage
Output Voltage to Ground (Steady State)
W
Inte rna lly limited
Power Dissipation
Operating Temperature Range
-40 to +125
ºC
Storage Temperature
-65 to +150
ºC
Lead Temperature (Soldering, 10 sec)
200
ºC
V
2000
ESD(HM)
Electrical Characteristics
Unless otherwise specified, VIN = 12V. ILOAD = 0.5A, TA = 25˚C.
Symbol
ID
Feedback bias current
nA
IQ
Quiescent current
ISTBY
Standby quiescent current
ON/OFF=5V, VIN=36V
FOSC
KHz
150
Oscillator frequency
VSAT
Saturation voltage
ICL
Current Limit
Output leakage current
IL
IL
Output leakage current
V
VIL
VIH
ON/OFF pin logic input
Threshold voltage
High (Regulator OFF)
2008. 1. 28
5/13
FAC1509
Revision No : 0
2A 150KHZ PWM Buck DC/DC Converter
-0.3 to VIN+0.3
-0.3 to VIN+0.3
-1
V
VFB=1.3V
VFB=12V force driver off
IOUT=2A
Peak Current (VFB=0V)
Output=0V (VFB=12V)
Output=-1V (VIN=32V)
Low (Regulator ON)
10
5
50
1.8
1.10
3.8
2
1.8
127
2.0
173
50/
10
100
0.6
1.3
50
30
mA
μA
V
A
mA
V
μA
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com