Electronic Components Datasheet Search
  English  ▼

X  

FAC1509 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1509
Description  2A 150KHZ PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1509 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1509 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2A 150KHZ PWM Buck DC/DC Converter
General Description
The FAC1509 is a of easy to use adjustable
step-down (buck) switch-mode voltage regulator.
The device is available in an adjustable output
version. It is capable of
driving a 2A load with
excellent line and load regulation.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use
and include internal frequency compensation, and
a fixed-frequency oscillator.
The
output
voltage
is
guaranteed
to
±3%
tolerance under specif ied
input
voltage an d
output load conditions. The oscillator frequency is
guaranteed to ±15%. External shutdown is
included, featuring typically 50 µA standby current.
Self protection features include a two stage
frequency reducing current
limit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The FAC1509 is available in SOP8 DIP8 package.
Features
• 5V and Adjustable output versions
• Output adjustable from 1.23v to 43V
• Fixed 150KHz frequency internal oscillator
• Guaranteed 2A output load current
• Input voltage range up to 45V
• Low power standby mode, I
Q typically 50 µA
• TTL shutdown capability
• Excellent line and load regulation
• High efficiency
• Thermal shutdown and current limit protection
• Available in advantaged SOP8 DIP8 package
Applications
• Simple High-efficiency step-down regulator
• On-card switching regulators
• Positive to negative converter
• LCD monitor and LCD TV
• DVD recorder and PDP TV
• Battery charger
Package Types
SOP8
Figure 1. Package Types of FAC1509
DIP8
2008.01. 28
1/13
SEMICONDUCTOR
TECHNICAL D ATA
FAC1509
Revision No : 0


Similar Part No. - FAC1509

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1501H FS-FAC1501H Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-50 FS-FAC1501HXX5-50 Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-ADJ FS-FAC1501HXX5-ADJ Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507D5 FS-FAC1507D5 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1509

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com