Electronic Components Datasheet Search
  English  ▼

X  

FAC1509 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FAC1509
Description  2A 150KHZ PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1509 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FAC1509 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1509 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Package Information
SOP8 Package Outline Dimensions
2008. 1. 28
12/13
FAC1509
Revision No : 0
2A 150KHZ PWM Buck DC/DC Converter
A
A1
A2
b
c
D
E
E1
e
L
θ
Dimensions In Millimeters
Dimensions In Inches
Min
1.350
0.100
1.350
0.330
0.170
4.700
3.800
5.800
1.270 (BSC)
0.400
0˚
Max
1.750
0.250
1.550
0.510
0.250
5.100
4.000
6.200
1.270
8˚
Min
0.053
0.004
0.053
0.013
0.006
0.185
0.150
0.228
0.050 (BSC)
0.016
0˚
Max
0.069
0.010
0.061
0.020
0.010
0.200
0.157
0.244
0.050
8˚
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com