Electronic Components Datasheet Search
  English  ▼

X  

FC1360 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC1360
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC1360 Datasheet HTML 1Page - First Silicon Co., Ltd FC1360 Datasheet HTML 2Page - First Silicon Co., Ltd FC1360 Datasheet HTML 3Page - First Silicon Co., Ltd FC1360 Datasheet HTML 4Page - First Silicon Co., Ltd FC1360 Datasheet HTML 5Page - First Silicon Co., Ltd FC1360 Datasheet HTML 6Page - First Silicon Co., Ltd FC1360 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in
series with the supply source impedance and lowers overall efficiency. This capacitor has to
supply the relatively high peak current to the coil and smooth the current ripple on the input
supply. A minimum value of 4.7 uF is acceptable if the input source is close to the device, but
higher values will improve performance at lower input voltages, especially when the source
impedance is high. The input capacitor should be placed as close as possible to the IC.
Inductor selection
Recommended inductor values for the FC1360 are in the range 33 uH to 100 uH. Higher values
of inductance are recommended at higher supply voltages in order to minimize errors due to
switching delays, which result in increased ripple and lower efficiency. Higher values of
inductance also result in a smaller change in output current over the supply voltage range. The
inductor should be mounted as close to the device as possible with low resistance connections
to the LX and VIN pins.
Note that, in practice, the duty cycle and operating frequency will deviate from the calculated
values due to dynamic switching delays, switch rise/fall times and losses in the external
components.
Optimum performance will be achieved by setting the duty cycle close to 0.5 at the nominal
supply voltage. This helps to equalize the undershoot and overshoot and improves temperature
stability of the output current.
Diode selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance
Schottky diode with low reverse leakage at the maximum operating voltage and temperature.
It is important to select parts with a peak current rating above the peak coil current and a
continuous current rating higher than the maximum output load current. It is very important to
consider the reverse leakage of the diode when operating above 85°C. Excess leakage will
increase the power dissipation in the device and if close to the load may create a thermal
runaway condition.
FC1360
2009. 07. 10
5/7
Revision No : 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com