Electronic Components Datasheet Search
  English  ▼

X  

FC1360 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC1360
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC1360 Datasheet HTML 1Page - First Silicon Co., Ltd FC1360 Datasheet HTML 2Page - First Silicon Co., Ltd FC1360 Datasheet HTML 3Page - First Silicon Co., Ltd FC1360 Datasheet HTML 4Page - First Silicon Co., Ltd FC1360 Datasheet HTML 5Page - First Silicon Co., Ltd FC1360 Datasheet HTML 6Page - First Silicon Co., Ltd FC1360 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1A LED Lighting Driver
Features
Built in thermal and over current protection
Internal 32V Power MOSFET Switch
1A output current
Single pin on/off and dimming control using
DC voltage or PWM at ADJ pin.
Internal PWM filter
Soft-start
High efficiency (up to 90%)
Wide input voltage range : 7V to 32V
40V transient capability
LX Output shutdown
Up to 1MHz switching frequency
Inherent open-circuit LED protection
Typical 5% output current accuracy
Applications
MR16 and general lighting
Automotive lighting
Low voltage industrial lighting
LED back lighting
Illuminated signs
General Description
The FC1360 is a continuous mode inductive step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input
supply between 7V and 30V and provides an externally adjustable output current of up to 1A. Depending upon
supply voltage and external components, this can provide up to 24 watts of output power.
The FC1360 includes the output switch and a high-side output current sensing circuit, which uses an external
resistor to set the nominal average output current. Output current can be adjusted above, or below the set value,
by applying an external control signal to the 'ADJ' pin.
The PWM filter provides a soft-start feature by controlling the rise of input/output current. The soft-start time can
be increased using an external capacitor from the ADJ pin to ground. Applying a voltage of 0.2V or lower to the
ADJ pin turns the output off and switches the device into a low current standby state.
Typical Application circuit
Ordering Information
Item
Package
Shipping
FC1360PRG
SOT-89-5
1,000pcs/reel & tape
SEMICONDUCTOR
TECHNICAL DATA
FC1360
2009. 07. 10
1/7
Revision No : 0


Similar Part No. - FC1360

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC136 SANYO-FC136 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC1360

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
1A WHITE LED DRIVER
logo
Texas Instruments
TPS92210 TI-TPS92210 Datasheet
530Kb / 25P
NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_10 Datasheet
575Kb / 29P
NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
350mA, LED Lighting Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
High Voltage LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
350mA LED Lighting Driver
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
LED Emergency Lighting driver
2018-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com