Electronic Components Datasheet Search
  English  ▼

X  

FC1360 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC1360
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC1360 Datasheet HTML 1Page - First Silicon Co., Ltd FC1360 Datasheet HTML 2Page - First Silicon Co., Ltd FC1360 Datasheet HTML 3Page - First Silicon Co., Ltd FC1360 Datasheet HTML 4Page - First Silicon Co., Ltd FC1360 Datasheet HTML 5Page - First Silicon Co., Ltd FC1360 Datasheet HTML 6Page - First Silicon Co., Ltd FC1360 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PCB layout issue
LX pin
The LX pin of the device is a fast switching node, so PCB tracks should be
kept as short as possible. To minimize ground 'bounce', the ground pin of the
device should be soldered directly to the ground plane.
Coil,
decoupling
capacitors,
current sense
resistor
It is particularly important to mount the coil and the input decoupling
capacitor as close to the device pins as possible to minimize parasitic
resistance and inductance, which will degrade efficiency. It is also important
to minimize any track resistance in series with current sense resistor RS. Its
best to connect VIN directly to one end of RS and Isense directly to the
opposite end of RS with no other currents flowing in these tracks. It is
important that the cathode current of the Schottky diode does not flow in a
track between RS and VIN as this may give an apparent higher measure of
current than is actual because of track resistance.
ADJ pin
The ADJ pin is a high impedance input for voltages up to 1.35V so, when left
floating, PCB tracks to this pin should be as short as possible to reduce noise
pickup. A 100nF capacitor from the ADJ pin to ground will reduce frequency
modulation of the output under these conditions. An additional series 10k
resistor can also be used when driving the ADJ pin from an external circuit .
This resistor will provide filtering for low frequency noise and provide
protection against high voltage transients.
High voltage
tracks
Avoid running any high voltage tracks close to the ADJ pin, to reduce the risk
of leakage currents due to board contamination. The ADJ pin is soft-clamped
for voltages above 1.35V to desensitize it to leakage that might raise the ADJ
pin voltage and cause excessive output current. However, a ground ring
placed around the ADJ pin is recommended to minimize changes in output
current under these conditions.
FC1360
2009. 07. 10
6/7
Revision No : 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com