Electronic Components Datasheet Search
  English  ▼

X  

FC3470 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC3470
Description  Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC3470 Datasheet HTML 1Page - First Silicon Co., Ltd FC3470 Datasheet HTML 2Page - First Silicon Co., Ltd FC3470 Datasheet HTML 3Page - First Silicon Co., Ltd FC3470 Datasheet HTML 4Page - First Silicon Co., Ltd FC3470 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Setting the Output Voltage
The external resistor divider is used to set the output voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop bandwidth with the internal compensation capacitor.
Choose R1 to be around 100kΩ for optimal transient response. R2 is then given by:
1
/
1
2
−
=
FB
out
V
V
R
R
Selecting the Inductor
A 4.7μH to 22μH inductor with a DC current rating of at least 25% percent higher than the maximum
load current is recommended for most applications. For highest efficiency, the inductor DC resistance
should be less than 15mΩ. For most designs, the inductance value can be derived from the following
equation.
OSC
L
in
out
in
out
f
I
V
V
V
V
L
×
△
×
−
×
=
)
(
Where ΔIL is the inductor ripple current. Choose inductor ripple current to be approximately 30% if the
maximum load current, 2A. The maximum inductor peak current is:
2
)
(
L
LOAD
MAX
L
I
I
I
△
+
=
Under light load conditions below 100mA, larger inductance is recommended for improved efficiency.
Selecting the Output Capacitor
The output capacitor (C2) is required to maintain the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended. Low ESR capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can be mated by:
]
[
×
×
+
×
]
[ −
×
×
=
△
2
8
1
1
C
f
R
V
V
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Function Description(Cont.)
2018. 12. 27
5/8
Revision No : 0
FC3470



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com