Electronic Components Datasheet Search
  English  ▼

X  

FC3470 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC3470
Description  Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FC3470 Datasheet HTML 1Page - First Silicon Co., Ltd FC3470 Datasheet HTML 2Page - First Silicon Co., Ltd FC3470 Datasheet HTML 3Page - First Silicon Co., Ltd FC3470 Datasheet HTML 4Page - First Silicon Co., Ltd FC3470 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Temperature Profile for IR Reflow Soldering(Pb-Free)
Note:
1.Preheating:150~180℃, Time:60~90sec.
2.Peak Temp.:245±5℃, Duration:5±0.5sec.
3. Cooling Speed: 2~10℃/sec.
Resistance to Soldering Heat Test Conditions
Temp.:260±5℃
Time:10±1sec
Packaging SPEC.(REEL)
Package Type
Units
n
o
i
s
n
e
m
i
D
(unit:mm )
Units/Reel Reels/Inner Box Units/Inner Box Inner Boxes/Outer Box Units/Outer Box
Reel
Inner Box
Outer Box
SOT-23-5/6
3,000
10
30,000
4
120,000
7〞×8
210×205×205
445×230×435
3
2018. 12. 27
8/8
Revision No : 0
FC3470



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com