Electronic Components Datasheet Search
  English  ▼

X  

FC3470 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC3470
Description  Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC3470 Datasheet HTML 1Page - First Silicon Co., Ltd FC3470 Datasheet HTML 2Page - First Silicon Co., Ltd FC3470 Datasheet HTML 3Page - First Silicon Co., Ltd FC3470 Datasheet HTML 4Page - First Silicon Co., Ltd FC3470 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Synchronous Buck Converter
Pin Name
Pin Number
Pin Function
BS
1
Bootstrap. A capacitor connected between
LX and BST pins is required to form a
floating supply across the high-side switch
driver.
GND
2
Ground
FB
3
Adjustable version feedback input.
Connect FB to the center point of the
external resistor divider.
EN
4
Drive this pin to a logic-high to enable the
IC. Drive to a logic-low to disable the IC
and enter micro-power shutdown mode.
VIN
5
Power supply Pin
LX
6
Switching Pin
SOT-23-6
Distributed Power Systems
Digital Set Top Boxes
Flat Panel Television and Monitors
Wireless and DSL Modems
Notebook Computer
High Efficiency: Up to 93%
600KHz Frequency Operation
2A Output Current
No Schottky Diode Required
4.5V to 18V Input Voltage Range
0.6V Reference
Integrated internal compensation
Stable with Low ESR Ceramic Output Capacitors
Over Current Protection with Hiccup-Mode
Slope Compensated Current Mode Control for Excellent
Thermal Shutdown
Inrush Current Limit and Soft Start
Line and Load Transient Response
Available in SOT-23-6 Package
-40°C to +85°C Temperature Range
Package Types
Pin Assignments
Marking
3470 :
Product Type Code.
**** :
Lot No. Code, code change with Lot No.
Features
Applications
3470
****
2018. 12. 27
1/8
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FC3470
SOT-23-6


Similar Part No. - FC3470

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC3470DFN22 FS-FC3470DFN22 Datasheet
859Kb / 13P
600kHz, 18V, 2.0A Synchronous Step-Down Converter
More results

Similar Description - FC3470

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Texas Instruments
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com