Electronic Components Datasheet Search
  English  ▼

X  

UPD75P316B Datasheet(PDF) 21 Page - NEC

Part # UPD75P316B
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P316B Datasheet(HTML) 21 Page - NEC

Back Button UPD75P316B Datasheet HTML 17Page - NEC UPD75P316B Datasheet HTML 18Page - NEC UPD75P316B Datasheet HTML 19Page - NEC UPD75P316B Datasheet HTML 20Page - NEC UPD75P316B Datasheet HTML 21Page - NEC UPD75P316B Datasheet HTML 22Page - NEC UPD75P316B Datasheet HTML 23Page - NEC UPD75P316B Datasheet HTML 24Page - NEC UPD75P316B Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
µPD75P316A
*
Time required for oscillation to become stabilized after VDD reaches MIN. of the oscillation voltage range or after
STOP made release.
Note
When the main system clock and subsystem clock oscillation circuit are used, the area enclosed by dotted
line in the figure should be wired as follows to prevent influence from the wiring capacitance, etc..
• Wiring should be as short as possible.
• Do not cross other signal lines.
Do not place the circuit closed to a line in which varying high current flows.
• The connecting point of oscillation circuit capacitor should always be the same potential as VDD. Do
not connect it to the power supply pattern in which high current flows.
• Do not pick up a signal from the oscillation circuit.
The subsystem clock oscillation circuit is designed to be low amplification circuit for low dissipation
current, thus misoperation due to noise occurs more often than with the main system clock oscillation
circuit. Therefore, when the subsystem clock is used, care is needed especially for the wiring procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com