Electronic Components Datasheet Search
  English  ▼

X  

AD5660 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5660
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5660 Datasheet HTML 9Page - Analog Devices AD5660 Datasheet HTML 10Page - Analog Devices AD5660 Datasheet HTML 11Page - Analog Devices AD5660 Datasheet HTML 12Page - Analog Devices AD5660 Datasheet HTML 13Page - Analog Devices AD5660 Datasheet HTML 14Page - Analog Devices AD5660 Datasheet HTML 15Page - Analog Devices AD5660 Datasheet HTML 16Page - Analog Devices AD5660 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5620/AD5640/AD5660
Rev. A | Page 13 of 24
CURRENT (mA)
4.00
–1.00
0
1.00
2.00
3.00
–30
–20
–10
0
10
20
30
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 23. Source and Sink Capability—AD5660-1
CODE
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
512
20512
10512
30512
40512
50512
60512
TA = 25°C
VDD = 3V
VDD = 5V
Figure 24. Supply Current vs. Code
VLOGIC (V)
1400
1200
1000
800
600
400
200
0
02
13
4
5
TA = 25°C
VDD = 5V
VDD = 3V
Figure 25. Supply Current vs. Logic Input Voltage
TIME BASE = 4
μs/DIV
VDD = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2k
Ω
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 26. Full-Scale Settling Time, 5 V
CH1 2.00V
CH3 100mV
CH2 2.00V
M40.0ms
CH1
VOUT
VDD
VREF
3
1
2
Figure 27. Power-On Reset to 0 V—AD5660-2
CH1 2.00V
CH3 200mV
CH2 2.00V
M20.0
μs
CH1
1.88V
VOUT
VDD
VREF
3
1
2
Figure 28. Power-On Reset to Midscale—AD5660-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com