Electronic Components Datasheet Search
  English  ▼

X  

LTC1698 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1698
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698 Datasheet(HTML) 1 Page - Linear Technology

  LTC1698 Datasheet HTML 1Page - Linear Technology LTC1698 Datasheet HTML 2Page - Linear Technology LTC1698 Datasheet HTML 3Page - Linear Technology LTC1698 Datasheet HTML 4Page - Linear Technology LTC1698 Datasheet HTML 5Page - Linear Technology LTC1698 Datasheet HTML 6Page - Linear Technology LTC1698 Datasheet HTML 7Page - Linear Technology LTC1698 Datasheet HTML 8Page - Linear Technology LTC1698 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1698
1698f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LTC
®1698 is a precision secondary-side forward
converter controller that synchronously drives external
N-channel MOSFETs. It is designed for use with the
LT
®3781 primary-side synchronous forward converter
controller to create a completely isolated power supply.
The LT3781 synchronizes the LTC1698 through a small
pulse transformer and the LTC1698 drives a feedback
optocoupler to close the feedback loop. Output accuracy
of
±0.8% and high efficiency over a wide range of load
currents are obtained.
The LTC1698 provides accurate secondary-side current
limit using an external current sense resistor. The input
voltage at the MARGIN pin provides
±5% output voltage
adjustment. A power good flag and overvoltage input are
provided to ensure proper power supply conditions. An
auxiliary 3.3V logic supply is included that supplies up to
10mA of output current.
Isolated Secondary
Synchronous Rectifier Controller
s
High Efficiency Over Wide Load Current Range
s
±0.8% Output Voltage Accuracy
s
Dual N-Channel MOSFET Synchronous Drivers
s
Pulse Transformer Synchronization
s
Optocoupler Feedback Driver
s
Programmable Current Limit Protection
s
±5% Margin Output Voltage Adjustment
s
Adjustable Overvoltage Fault Protection
s
Power Good Flag
s
Auxiliary 3.3V Logic Supply
s
Available in 16-Lead SSOP and SO Packages
s
48V Input Isolated DC/DC Converters
s
Isolated Telecommunication Power Systems
s
Distributed Power Step-Down Converters
s
Industrial Control Systems
s
Automotive and Heavy Equipment
Figure 1. Simplified 2-Transistor Isolated Forward Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
+
CG
VDD
PWRGD
LTC1698
PGND
GND
28
CFB
CC
CCILM
RC
VOUT
RCILM
R2
R5
R4
R1
L1
6
13
9
7
14
COUT
110
Q4
VIN
36V to 72V
Q3
T1
Q1
D1
Q2
RPRISEN
T2
FG
16
ISNS
RSECSEN
12
ISNSGND
11
SYNC
VFB
VCOMP
VAUX
ICOMP
OVPIN
MARGIN
VMARGIN
O.1
µF
1681 F01
VAUX
3.3V
10mA
15
OPTODRV
PLEASE REFER TO FIGURE 12 IN THE TYPICAL APPLICATIONS
SECTION FOR THE COMPLETE 3.3V/15A APPLICATION SCHEMATIC
5
34
RSYNC
RK
RE
ISOLATION
BOUNDARY
RF
REF
VFB
SG
TG
BG
LT3781
VC
CSYNC
CK
CF
VDD BIAS
CSG
+
–
D2


Similar Part No. - LTC1698

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1698 LINER-LTC1698_15 Datasheet
1Mb / 24P
Isolated Secondary Synchronous Rectifier Controller
More results

Similar Description - LTC1698

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A Datasheet
318Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
FAN6208 FAIRCHILD-FAN6208_12 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller for LLC Topology
logo
Linear Technology
LTC1698 LINER-LTC1698_15 Datasheet
1Mb / 24P
Isolated Secondary Synchronous Rectifier Controller
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A_16 Datasheet
320Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com