Electronic Components Datasheet Search
  English  ▼

X  

LTC1698 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1698
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1698 Datasheet HTML 14Page - Linear Technology LTC1698 Datasheet HTML 15Page - Linear Technology LTC1698 Datasheet HTML 16Page - Linear Technology LTC1698 Datasheet HTML 17Page - Linear Technology LTC1698 Datasheet HTML 18Page - Linear Technology LTC1698 Datasheet HTML 19Page - Linear Technology LTC1698 Datasheet HTML 20Page - Linear Technology LTC1698 Datasheet HTML 21Page - Linear Technology LTC1698 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1698
1698f
APPLICATIO S I FOR ATIO
CG
VDD
LTC1698
PGND
GND
OPTODRV
VCOMP
MARGIN
CFB
R1
BOLD LINES INDICATE HIGH CURRENT PATHS
RC
CC
VFB
SYNC
FG
VAUX
ICOMP
ISNS
ISENSGND
PWRGD
OVPIN
2
1
3
4
5
6
7
8
15
16
COUT
VOUT
+
VOUT
–
14
13
12
11
10
9
R2
R7
D3
RSECSEN
Q4
CK
RK
MOC207
C4
0.1
µF
R4
1698 F09
1k
0.1
µF
4.7
µF
T2
T1
0.1
µF
CCILM
RCILM
R5
1k
+
Q3
1
Ω
L1
Figure 9. LTC1698 Layout Diagram
Figure 10. Simplified Single Secondary Winding 3.3V and 1.8V Output Isolated DC/DC Converter
VCOMP
VDD
LTC1698
GND
VFB
CG
FG
ISNS
SYNC
OPTODRV
VCC
BIAS
L1
VOUT1
3.3V
AT 10A
BG
LT3781
SG
ISOLATION
BOUNDARY
COUT2: POSCAP, 680µF/4V
L2: SUMIDA CEP125-IR8MC-H
Q1, Q2: SILICONIX Si7440DP
1698 F10
VIN
36V
TO 72V
VREF
VC
VFB
TG
•
•
GBIAS
4.7
µF
CMDSH-3
Q1
Q2
B340A
3.01k
2.32k
L2
1.8
µH
0.006
Ω
VCC BOOST
CL–
CL+
LT3710
SYNC
TG
CSET
ILCOMP
SS
•
•
–
+
0.1
µF
3.3k
33nF
10pF
CS
680pF
10k
10k
180pF
0.01
µF
BGS
PGND
SW
BG
VAOUT
VFB
4700pF
VOUT2
1.8V
AT 10A
COUT2
+
220
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com