Electronic Components Datasheet Search
  English  ▼

X  

LTC1698 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1698
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698 Datasheet(HTML) 4 Page - Linear Technology

  LTC1698 Datasheet HTML 1Page - Linear Technology LTC1698 Datasheet HTML 2Page - Linear Technology LTC1698 Datasheet HTML 3Page - Linear Technology LTC1698 Datasheet HTML 4Page - Linear Technology LTC1698 Datasheet HTML 5Page - Linear Technology LTC1698 Datasheet HTML 6Page - Linear Technology LTC1698 Datasheet HTML 7Page - Linear Technology LTC1698 Datasheet HTML 8Page - Linear Technology LTC1698 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1698
1698f
TYPICAL PERFOR A CE CHARACTERISTICS
VFB vs Temperature
TEMPERATURE (
°C)
–50
1.236
1.242
1.248
25
75
150
1698 G01
1.230
1.224
1.218
–25
0
50
100 125
VDD = 8V
VDD (V)
5
1.218
1.224
1.236
1.242
1.248
7
9
10
14
1698 G02
1.230
68
11
12
13
TA = 25°C
VMARGIN (V)
0
1.245
1.270
1.295
2.64
1698 G03
1.221
1.196
1.233
1.258
1.282
1.208
1.184
1.171
1
3
5
–1
–3
0
2
4
–2
–4
–5
0.66
0.33
1.32
0.99
1.98 2.31
2.97
1.65
3.3
VDD = 8V
TA = 25°C
VFB vs VDD
VFB vs VMARGIN
ISNS Threshold vs Temperature
ISNS Threshold vs VDD
Current Limit Amplifier gm
vs Temperature
TEMPERATURE (
°C)
–50
–27.5
–27.0
–26.0
–25.5
–25.0
–22.5
–24.0
0
50
75
1698 G04
–26.5
–23.5
–23.0
–24.5
–25
25
100 125
150
VDD = 8V
VDD (V)
5
–27.5
–27.0
–26.0
–25.5
–25.0
–22.5
–24.0
8
7
10
11
1698 G05
–26.5
–23.5
–23.0
–24.5
69
12
13
14
TA = 25°C
TEMPERATURE (
°C)
–50
3.8
4.2
4.6
100 125
1698 G06
3.4
3.0
–25
25
0
50
75
150
2.6
2.2
5.0
VDD = 8V
OVPIN Threshold vs Temperature
OVPIN Threshold vs VDD
Power Good Threshold
vs Temperature
TEMPERATURE (
°C)
–50
1.24
1.26
1.28
25
75
150
1698 G07
1.22
1.20
1.18
–25
0
50
100 125
VDD = 8V
VDD (V)
5
1.18
1.20
1.24
1.26
1.28
7
9
10
14
1698 G08
1.22
68
11
12
13
TA = 25°C
TEMPERATURE (
°C)
–50
1.166
1.181
1.196
25
75
150
1698 G09
1.152
1.137
1.122
–5.4
–4.2
–3.0
–6.6
–7.8
–9.0
–25
0
50
100 125
VDD = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com