Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM211D
Description  HIGH PERFORMANCE VOLTAGE COMPARATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211D Datasheet(HTML) 1 Page - ON Semiconductor

  LM211D Datasheet HTML 1Page - ON Semiconductor LM211D Datasheet HTML 2Page - ON Semiconductor LM211D Datasheet HTML 3Page - ON Semiconductor LM211D Datasheet HTML 4Page - ON Semiconductor LM211D Datasheet HTML 5Page - ON Semiconductor LM211D Datasheet HTML 6Page - ON Semiconductor LM211D Datasheet HTML 7Page - ON Semiconductor LM211D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Order this document by LM311/D
Device
Operating
Temperature Range
Package
LM311
LM211
SEMICONDUCTOR
TECHNICAL DATA
HIGH PERFORMANCE
VOLTAGE COMPARATORS
ORDERING INFORMATION
LM211D
LM311D
LM311N
TA = 25° to +85°C
TA = 0° to +70°C
SO–8
SO–8
Plastic DIP
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
8
1
8
1
Gnd
Inputs
VEE
VCC
Output
Balance/Strobe
Balance
(Top View)
1
2
3
4
8
7
6
5
PIN CONNECTIONS
+
–
1
MOTOROLA ANALOG IC DEVICE DATA
Highly Flexible Voltage
Comparators
The ability to operate from a single power supply of 5.0 V to 30 V or
±15 V
split supplies, as commonly used with operational amplifiers, makes the
LM211/LM311 a truly versatile comparator. Moreover, the inputs of the
device can be isolated from system ground while the output can drive loads
referenced either to ground, the VCC or the VEE supply. This flexibility makes
it possible to drive DTL, RTL, TTL, or MOS logic. The output can also switch
voltages to 50 V at currents to 50 mA. Thus the LM211/LM311 can be used to
drive relays, lamps or solenoids.
Typical Comparator Design Configurations
Split Power Supply with Offset Balance
Single Supply
Ground–Referred Load
Load Referred to Positive Supply
Strobe Capability
–
Output
VEE
Inputs
VCC
RL
1
2
3
4
5
6
7
8
5.0 k
3.0 k
VCC
VCC
VCC
VCC
VCC
Output
Output
Output
Output
Output
RL
RL
RL
RL
RL
Inputs
Inputs
Inputs
Inputs
Inputs
VEE
VEE
VEE
VEE
VEE
2
3
2
3
2
3
2
3
2
3
4
4
4
4
4
7
8
1
Input polarity is reversed when
Gnd pin is used as an output.
7
1
8
8
7
6
1
1.0 k
TTL Strobe
1
7
8
Load Referred to Negative Supply
1
7
8
Input polarity is reversed when
Gnd pin is used as an output.
–
+
+
+
+
+
+
–
–
–
–
© Motorola, Inc. 1996
Rev 5


Similar Part No. - LM211D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM211D PHILIPS-LM211D Datasheet
71Kb / 4P
Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM211D STMICROELECTRONICS-LM211D Datasheet
236Kb / 14P
Voltage comparator with strobe
Sep-2006
logo
NXP Semiconductors
LM211D PHILIPS-LM211D Datasheet
86Kb / 8P
Voltage comparator
2003 Sep 30
logo
Integral Corp.
LM211D INTEGRAL-LM211D Datasheet
291Kb / 2P
Highly Flexible Voltage Comparators
logo
Texas Instruments
LM211D TI-LM211D Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LM211D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL311 SLS-SL311 Datasheet
20Kb / 2P
High Performance Voltage Comparators
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK311 KODENSHI-KK311 Datasheet
136Kb / 3P
High Performance Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
logo
Tiger Electronic Co.,Lt...
LM311D TGS-LM311D Datasheet
33Kb / 2P
High Performance Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311_11 Datasheet
120Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com