Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM211D
Description  HIGH PERFORMANCE VOLTAGE COMPARATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211D Datasheet(HTML) 2 Page - ON Semiconductor

  LM211D Datasheet HTML 1Page - ON Semiconductor LM211D Datasheet HTML 2Page - ON Semiconductor LM211D Datasheet HTML 3Page - ON Semiconductor LM211D Datasheet HTML 4Page - ON Semiconductor LM211D Datasheet HTML 5Page - ON Semiconductor LM211D Datasheet HTML 6Page - ON Semiconductor LM211D Datasheet HTML 7Page - ON Semiconductor LM211D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM311 LM211
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM211
LM311
Unit
Total Supply Voltage
VCC +VEE
36
36
Vdc
Output to Negative Supply Voltage
VO –VEE
50
40
Vdc
Ground to Negative Supply Voltage
VEE
30
30
Vdc
Input Differential Voltage
VID
±30
±30
Vdc
Input Voltage (Note 2)
Vin
±15
±15
Vdc
Voltage at Strobe Pin
–
VCC to VCC–5
VCC to VCC–5
Vdc
Power Dissipation and Thermal Characteristics
Plastic DIP
PD
625
mW
Derate Above TA = +25°C
1/
θJA
5.0
mW/
°C
Operating Ambient Temperature Range
TA
–25 to +85
0 to +70
°C
Operating Junction Temperature
TJ(max)
+150
+150
°C
Storage Temperature Range
Tstg
–65 to +150
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted [Note 1].)
Ch
i i
Sb l
LM211
LM311
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 3)
VIO
mV
RS ≤ 50 kΩ, TA = +25°C
–
0.7
3.0
–
2.0
7.5
RS ≤ 50 kΩ, Tlow ≤ TA ≤ Thigh*
–
–
4.0
–
–
10
Input Offset Current (Note 3) TA = +25°C
IIO
–
1.7
10
–
1.7
50
nA
Tlow ≤ TA ≤ Thigh*
–
–
20
–
–
70
Input Bias Current TA = +25°C
IIB
–
45
100
–
45
250
nA
Tlow ≤ TA ≤ Thigh*
–
–
150
–
–
300
Voltage Gain
AV
40
200
–
40
200
–
V/mV
Response Time (Note 4)
–
200
–
–
200
–
ns
Saturation Voltage
VOL
V
VID ≤ –5.0 mV, IO = 50 mA, TA = 25°C
–
0.75
1.5
–
–
–
VID ≤–10 mV, IO = 50 mA, TA = 25°C
–
–
–
–
0.75
1.5
VCC ≥ 4.5 V, VEE = 0, Tlow ≤ TA ≤ Thigh*
VID 6≤6.0 mV, Isink ≤ 8.0 mA
–
0.23
0.4
–
–
–
VID 6≤10 mV, Isink ≤ 8.0 mA
–
–
–
–
0.23
0.4
Strobe ”On” Current (Note 5)
IS
–
3.0
–
–
3.0
–
mA
Output Leakage Current
VID ≥ 5.0 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
–
0.2
10
–
–
–
nA
VID
≥ 10 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
–
–
–
–
0.2
50
nA
VID
≥ 5.0 mV, VO= 35 V, Tlow ≤ TA ≤ Thigh*
–
0.1
0.5
–
–
–
µA
Input Voltage Range (Tlow ≤ TA ≤ Thigh*)
VICR
–14.5
–14.7 to
13.8
+13.0
–14.5
–14.7 to
13.8
+13.0
V
Positive Supply Current
ICC
–
+2.4
+6.0
–
+2.4
+7.5
mA
Negative Supply Current
IEE
–
–1.3
–5.0
–
–1.3
–5.0
mA
* Tlow
= –25
°C for LM211
Thigh = +85°C for LM211
= 0
°C for LM311
= +70
°C for LM311
NOTES: 1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 V supply up to
±15 V supplies.
2. This rating applies for
±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is equal to the
negative supply voltage or 30 V below the positive supply, whichever is less.
3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA load. Thus,
these parameters define an error band and take into account the ”worst case” effects of voltage gain and input impedance.
4. The response time specified is for a 100 mV input step with 5.0 mV overdrive.
5. Do not short the strobe pin to ground; it should be current driven at 3.0 mA to 5.0 mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com