Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM211D
Description  HIGH PERFORMANCE VOLTAGE COMPARATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211D Datasheet(HTML) 4 Page - ON Semiconductor

  LM211D Datasheet HTML 1Page - ON Semiconductor LM211D Datasheet HTML 2Page - ON Semiconductor LM211D Datasheet HTML 3Page - ON Semiconductor LM211D Datasheet HTML 4Page - ON Semiconductor LM211D Datasheet HTML 5Page - ON Semiconductor LM211D Datasheet HTML 6Page - ON Semiconductor LM211D Datasheet HTML 7Page - ON Semiconductor LM211D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM311 LM211
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 6. Response Time for
Various Input Overdrives
Figure 7. Response Time for
Various Input Overdrives
Figure 8. Response Time for
Various Input Overdrives
Figure 9. Response Time for
Various Input Overdrives
Figure 10. Output Short Circuit Current
Characteristics and Power Dissipation
Figure 11. Output Saturation Voltage
versus Output Current
tTLH, RESPONSE TIME (µs)
tTHL, RESPONSE TIME (µs)
tTLH, RESPONSE TIME (µs)
tTHL, RESPONSE TIME (µs)
VO, OUTPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
0
50
100
0
0.1
0.2
0.3
0.4
0.5
0.6
5.0
4.0
3.0
2.0
1.0
0
–100
–50
0
0
0.1
0.2
0.3
0.4
0.5
0.6
15
10
5.0
0
–5.0
–10
–15
0
–50
–100
0
1.0
2.0
0
1.0
2.0
15
10
5.0
0
–5.0
–10
–15
0
50
100
150
125
100
75
50
25
0
0
5.0
10
15
0.90
0.75
0.60
0.45
0.30
0.15
0
0.90
0.75
0.60
0.45
0.30
0.15
0
0
8.0
16
24
32
40
48
56
TA = +25°C
TA = –55°C
TA = +25°C
TA = +125°C
5.0 mV
20 mV
2.0 mV
Vin
+5.0 V
500
Ω
VO
*
)
+5.0 V
500
Ω
VO
Vin
20 mV
5.0 mV
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0 k
VEE
*
)
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0 k
VEE
*
)
*
)
Power Dissipation
Short Circuit Current
2.0 mV
VCC = +15 V
VEE = –15 V
TA = +25°C
VCC = +15 V
VEE = –15 V
TA = +25°C
VCC = +15 V
VEE = –15 V
TA = +25°C
VCC = +15 V
VEE = –15 V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com