Electronic Components Datasheet Search
  English  ▼

X  

TM18 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # TM18
Description  TM18 Series Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TM18 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  TM18 Datasheet HTML 1Page - Banner Engineering Corp. TM18 Datasheet HTML 2Page - Banner Engineering Corp. TM18 Datasheet HTML 3Page - Banner Engineering Corp. TM18 Datasheet HTML 4Page - Banner Engineering Corp. TM18 Datasheet HTML 5Page - Banner Engineering Corp. TM18 Datasheet HTML 6Page - Banner Engineering Corp. TM18 Datasheet HTML 7Page - Banner Engineering Corp. TM18 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Performance Curves
Opposed Mode Sensors
Excess Gain
Beam Pattern
1
10
100
1000
1 m
10 m
100 m
0.1 m
DISTANCE
TM18
E&R
Excess Gain
0
0
5 m
10 m
15 m
20 m
100 mm
100 mm
200 mm
200 mm
300 mm
300 mm
500 mm
500 mm
400 mm
400 mm
DISTANCE
TM18
E&R
Beam Pattern
Polarized Retroreflective
Excess Gain
Beam Pattern
DISTANCE
100
10
1
0.01 m
.033'
0.1 m
.33'
1 m
3.3'
10 m
33'
1000
TM18LP
Polarized Retroreflective
with BRT-84 Reflector
0
0
20 mm
40 mm
1 m
2 m
3 m
4 m
5 m
6 m
60 mm
20 mm
40 mm
60 mm
DISTANCE
TM18LP
Beam Pattern
TM18 Series Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 155853 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com