Electronic Components Datasheet Search
  English  ▼

X  

TM18 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TM18
Description  TM18 Series Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TM18 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TM18 Datasheet HTML 1Page - Banner Engineering Corp. TM18 Datasheet HTML 2Page - Banner Engineering Corp. TM18 Datasheet HTML 3Page - Banner Engineering Corp. TM18 Datasheet HTML 4Page - Banner Engineering Corp. TM18 Datasheet HTML 5Page - Banner Engineering Corp. TM18 Datasheet HTML 6Page - Banner Engineering Corp. TM18 Datasheet HTML 7Page - Banner Engineering Corp. TM18 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
•
Heavy duty metal housing with 18 mm threaded barrel mount and integral
metal QD prevents sensor damage during machine assembly, transport,
maintenance, and operation
•
Right angle "T" mounting fits in tight places, prevents sensor damage, and
avoids personnel catch points
•
Models with dedicated 3-wire output NPN or PNP for OEM machine builders —
designed to work with I/O block splitters for reduced wiring costs
•
Models with 4-wire complementary NPN or PNP outputs available
•
Featuring EZ-BEAM technology provides reliable sensing without adjustments
•
Visible red LED models available in opposed, polarized retroreflective, diffuse,
and fixed-field (background suppression) modes
•
Infrared models available in fixed-field (background suppression) mode
•
Completely epoxy encapsulated electronics to provide superior durability,
especially in harsh sensing environments
•
Sensors rated IP69K for resistance to intermittent high pressure washdown
•
Innovative dual indicator systems takes the guess work out of sensor
performance monitoring
•
Enhanced immunity to fluorescent lights on fixed field and diffuse sensors
•
Cross talk avoidance allows two sensors to be used in close proximity on
polarized retro, diffuse, and fixed field sensors
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. For example, "TM186E W/30".
To order the 4-pin Euro M12 integral QD models, add suffix Q8 (for example, TM186EQ8). To order the 4-pin Euro M12
pigtail QD models: add suffix Q5 (for example, TM186EQ5).
Opposed Mode Sensors
Model Number
Mode
Range
LED
Output
TM186E
OPPOSED
20 m
Visible red 625 nm
None
TM18AP6R
None
PNP, LO 3-wire
TM18RP6R
PNP, DO 3-wire
TM18VP6R
PNP, LO/DO 4-wire
TM18AN6R
NPN, LO 3-wire
TM18RN6R
NPN, DO 3-wire
TM18VN6R
NPN, LO/DO 4-wire
Polarized Retroreflective
Model Number
Mode
Range
LED
Output
TM18AP6LP
P
POLAR RETRO
5.5 m 1
Visible red 624 nm
PNP, LO 3-wire
TM18RP6LP
PNP, DO 3-wire
TM18VP6LP
PNP, LO/DO 4-wire
TM18AN6LP
NPN, LO 3-wire
TM18RN6LP
NPN, DO 3-wire
TM18VN6LP
NPN, LO/DO 4-wire
1 Range specified with BRT-84 reflector.
TM18 Series Sensors
Original Document
155853 Rev. F
3 September 2015
155853


Similar Part No. - TM18

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
TM1800 MIMIX-TM1800_1 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
logo
Shenzhen Putianhe Techn...
TM1801 PTH-TM1801 Datasheet
232Kb / 5P
Single-way LED
TM1802 PTH-TM1802 Datasheet
260Kb / 6P
Single way LED
More results

Similar Description - TM18

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DS18 BANNER-DS18 Datasheet
751Kb / 5P
DS18 Series Sensors
Q26 BANNER-Q26 Datasheet
653Kb / 7P
Q26 Series Sensors
VS1 BANNER-VS1 Datasheet
588Kb / 5P
VS1 Series Sensors
Q45BB6 BANNER-Q45BB6 Datasheet
731Kb / 10P
Q45BB6 Series Sensors
Q45BW13 BANNER-Q45BW13 Datasheet
325Kb / 8P
Q45BW13 Series Sensors
Q45BW22 BANNER-Q45BW22 Datasheet
627Kb / 11P
Q45BW22 Series Sensors
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR3 BANNER-Q45VR3 Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45X BANNER-Q45X Datasheet
243Kb / 6P
Q45X Series Sensors
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
Proximity Magnetic Sensors Flux Sensors FLM Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com