Electronic Components Datasheet Search
  English  ▼

X  

TM18 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TM18
Description  TM18 Series Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TM18 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TM18 Datasheet HTML 1Page - Banner Engineering Corp. TM18 Datasheet HTML 2Page - Banner Engineering Corp. TM18 Datasheet HTML 3Page - Banner Engineering Corp. TM18 Datasheet HTML 4Page - Banner Engineering Corp. TM18 Datasheet HTML 5Page - Banner Engineering Corp. TM18 Datasheet HTML 6Page - Banner Engineering Corp. TM18 Datasheet HTML 7Page - Banner Engineering Corp. TM18 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications
Supply Voltage and Current - Class 2
10 to 30 V dc (10% max. ripple within specified limits); supply current
(exclusive of load current):
Emitters: 25 mA
Receivers: 20 mA
Polarized Retroreflective: 20 mA
Diffuse and Fixed-Field: 35 mA
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Effective Beam
13 mm for opposed mode sensors
Output Configuration
NPN (current sinking) or PNP (current sourcing), depending on model
Light Operate: Output conducts when sensor receives its own (or the
emitter’s) modulated light
Dark Operate: Output conducts when sensor does not receive it own
(or the emitter fts) modulated light
Connections
2 m (6.5 ft) or 9 m (30 ft) PVC attached cable
Integral 4-pin M12/Euro-style quick disconnect
4-pin M12/Euro-style PVC pigtail quick disconnect
Construction
Housing: Zinc die cast with nickel plating
Lens: PMMA or PC (opposed mode only)
Black Cover: PBT polyester housing
Adjustments
Diffuse models only: single turn rear panel sensitivity control
Indicators
Two LEDs (green and amber)
Complementary (4-Wire) Models
Indicator
Description
Green ON
Power ON
Green Flashing*
Output is overloaded
Amber ON
N.O. Output is conducting
Amber Flashing*
Marginal excess gain (1 to 1.5x)
* Not valid for Diffuse or Fixed Field Models.
Single Output (3-Wire) Models
Indicator
Description
Green ON
Power ON
Green Flashing
N.A.
Amber ON
Output is conducting
Amber Flashing
N.A.
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short circuit of outputs
Output Rating
150 mA maximum each output at 25 °C, derated to 100 mA at 70 °C
(derate about 1 mA per °C)
OFF-state leakage current: < 1 microamp at 30 V dc
ON-state saturation voltage: < 1 V at 10 mA dc; < 1.5 V at 150 mA
dc
Output Response Time (TM18)
Opposed mode: 1.5 ms ON, 0.75 ms OFF
Retro: 3 ms ON and OFF
Diffuse and Fixed Field: 3 ms ON, 1.5 ms OFF
Note: 100 ms delay on power-up; outputs do not conduct during this
time.
Repeatability (TM18)
Opposed mode: 190 µs
Retro: 585 µs
Diffuse and Fixed Field: 185 µs
Environmental Rating
IEC IP67; quick disconnect models are IEC IP69K when mated with a
washdown rated (IEC IP69K) cordset
Operating Conditions
−40 °C to +70 °C (−40 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet Mil. Std. 202F requirements. Method 201A (Vibration;
frequency 10 to 60 Hz, max., double amplitude 0.06 in acceleration
10G). Method 213B conditions H&I (Shock: 75G with unit operating;
100G for
non-operation)
Certifications
Class 2 supply Required;
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to http://
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
TM18 Series Sensors
P/N 155853 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com