Electronic Components Datasheet Search
  English  ▼

X  

C9835 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # C9835
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button C9835 Datasheet HTML 9Page - Cypress Semiconductor C9835 Datasheet HTML 10Page - Cypress Semiconductor C9835 Datasheet HTML 11Page - Cypress Semiconductor C9835 Datasheet HTML 12Page - Cypress Semiconductor C9835 Datasheet HTML 13Page - Cypress Semiconductor C9835 Datasheet HTML 14Page - Cypress Semiconductor C9835 Datasheet HTML 15Page - Cypress Semiconductor C9835 Datasheet HTML 16Page - Cypress Semiconductor C9835 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 13 of 18
Notes:
32. The time specified is measured from when all VDD’s reach their respective supply rail (3.3V and 2.5V) till the frequency output is stable and operating within the
specifications.
33. Measured from when both SEL1 and SEL0 are switched to low (disable).
34. Device designed for Typical Duty Cycle of 50%.
TLOW
PCI(_F, 1:6) low time[31]
12.0
12.0
12.0
ns
Tr / Tf
PCI(_F, 1:6) rise and fall times[27]
0.5
2.0
0.5
2.0
0.5
2.0
ns
TSKEW
(Any PCI) to (Any PCI) Skew[26,29]
500
500
500
ps
TCCJ
PCI(_F, 1:6) Cycle to Cycle Jitter[26,29]
500
500
500
ps
DOT and USB
TPeriod
DOT and USB (48M[0,1]) period
(conforms to +167 ppm max) [25,26]
20.8299 20.8333 20.8299 20.8333
20.829
20.833
ns
Tr / Tf
DOT and USB rise and fall times[27]
1.0
4.0
1.0
4.0
1.0
4.0
ns
TCCJ
DOT and USB Cycle to Cycle Jitter[26,29]
500
500
500
ps
TCCJ
VCH_CLK Cycle to Cycle Jitter[26]
250
250
250
ps
REF
TPeriod
REF period[25,26]
69.8413
71.0
69.8413
71.0
69.8413
71.0
ns
Tr / Tf
REF rise and fall times[27]
1.0
4.0
1.0
4.0
1.0
4.0
ns
TCCJ
REF Cycle to Cycle Jitter[26]
1000
1000
1000
ps
tpZL, tpZH
Output enable delay (all outputs)[28]
1.0
10.0
1.0
10.0
1.0
10.0
ns
tpLZ, tpHZ
Output disable delay (all outputs)[33]
1.0
10.0
1.0
10.0
1.0
10.0
ns
tstable
All clock stabilization from power-up[32]
333
ms
Tduty
Duty cycle for all outputs[34]
45
55
45
55
45
55
%
AC Parameters (continued)
Parameter
Description
133 MHz Host
100 MHz Host
66 MHz Host
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com