Electronic Components Datasheet Search
  English  ▼

X  

C9835 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # C9835
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button C9835 Datasheet HTML 10Page - Cypress Semiconductor C9835 Datasheet HTML 11Page - Cypress Semiconductor C9835 Datasheet HTML 12Page - Cypress Semiconductor C9835 Datasheet HTML 13Page - Cypress Semiconductor C9835 Datasheet HTML 14Page - Cypress Semiconductor C9835 Datasheet HTML 15Page - Cypress Semiconductor C9835 Datasheet HTML 16Page - Cypress Semiconductor C9835 Datasheet HTML 17Page - Cypress Semiconductor C9835 Datasheet HTML 18Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 14 of 18
Output Buffer Characteristics
Table 8. CPU, IOAPIC
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
IOH1
Pull-up Current
Vout =VDDC - 0.5V (or VDDI –0.5V)
–15
–31
–51
mA
IOH2
Pull-up Current
Vout = 1.2V
–26
–58
–101
mA
IOL1
Pull-down Current
Vout = 0.4V
12
24
40
mA
IOL2
Pull-down Current
Vout = 1.2V
27
56
93
mA
Z0
Output Impedance
13.5
45
Ω
Table 9. PCI, 3V66, VCH
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
IOH1
Pull-up Current
Vout =VDD – 0.5V
–20
–25
–33
mA
IOH2
Pull-up Current
Vout = 1. 5V
–30
–54
–184
mA
IOL1
Pull-down Current
Vout = 0.4V
9.4
18
38
mA
IOL2
Pull-down Current
Vout = 1.5V
28
55
148
mA
Z0
Output Impedance
12
55
Ω
Table 10. 48M0(USB), 481(DOT), REF
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
IOH1
Pull-up Current
Vout =VDD – 0.5V
–12
–16
–28
mA
IOH2
Pull-up Current
Vout = 1. 5V
–27
–43
–92
mA
IOL1
Pull-down Current
Vout = 0.4V
9
13
27
mA
IOL2
Pull-down Current
Vout = 1.5V
26
39
79
mA
Z0
Output Impedance
20
60
Ω
Table 11. SDRAM (VDD = VDDS = 3.3V ± 5%, VDDC = VDDI = 2.5V ± 5%, TA = 0°C to 70°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
IOH1
Pull-up Current
Vout =VDD – 0.5V
–28
–40
–60
mA
IOH2
Pull-up Current
Vout = 1. 5V
–67
–107
–184
mA
IOL1
Pull-down Current
Vout = 0.4V
23
34
53
mA
IOL2
Pull-down Current
Vout = 1.5V
64
98
159
mA
Z0
Output Impedance
10
24
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com