Electronic Components Datasheet Search
  English  ▼

X  

C9835 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9835
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835 Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9835 Datasheet HTML 1Page - Cypress Semiconductor C9835 Datasheet HTML 2Page - Cypress Semiconductor C9835 Datasheet HTML 3Page - Cypress Semiconductor C9835 Datasheet HTML 4Page - Cypress Semiconductor C9835 Datasheet HTML 5Page - Cypress Semiconductor C9835 Datasheet HTML 6Page - Cypress Semiconductor C9835 Datasheet HTML 7Page - Cypress Semiconductor C9835 Datasheet HTML 8Page - Cypress Semiconductor C9835 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 2 of 18
Note:
3.
A bypass capacitor (0.1
µF) should be placed as close as possible to each positive power pin. If these bypass capacitors are not close to the pins their
high-frequency filtering characteristic will be cancelled by the lead inductance of the traces.
Pin Description[3]
Pin
Name
PWR
Description
1
REF
VDD
3.3V 14.318 MHz clock output
3XIN
VDD
Oscillator buffer input. Connect to a crystal or to an external clock.
4XOUT
VDD
Oscillator buffer output. Connect to a crystal. Do not connect when an external
clock is applied at XIN.
49, 50, 52
CPU(0:2)
VDDC 2.5V Host bus clock outputs
7, 8, 9
3V66(0:2)
VDD
3.3V Fixed 66.6 MHz clock outputs
12
PCI_F
VDDP
3.3V PCI clock output. This clock continues to run when PCI_STP# is at a logic
low level.
13, 15, 16, 18,
19, 20
PCI (1:6)
VDDP
3.3V PCI clock outputs. These clocks synchronously stop in a low state when
PCI_STP# is brought to a logic low level. They synchronously resume running
when PCI_STP# is brought to a logic high state.
25, 26
48M(0,1)
VDD
3.3V Fixed 48 MHz clock outputs
36
VCH_CLK
VDD
3.3V selectable 66.6 MHz or 48 MHz clock output to VCH. Spread spectrum
applies only when 66.6 MHz is selected. Select via SMBUS, byte 4 bit7.
34
CPU_STP#
VDD
CPU0 stop clock control input. Stops only CPU0 in a low state when asserted
low. Using this pin to start and stop CPU0 clock insures synchronous (no short or
long clocks) transitioning of this clock.
11
PCI_STP#
VDD
PCI stop clock control input. When this signal is at a logic low level (0), all PCI
clocks (except PCI_F) stop at a logic low level. Using this pin to start and stop PCI
clocks insures synchronous (no short or long clocks) transitioning of these clocks.
This pin has no effect on the PCI_F clock.
28, 29
SEL(0,1)
VDD
3.3V LVTTL inputs for logic selection. These pins have Internal pull-ups,
typically 250k (range 200k to 800k).
30
SDATA
VDD
Serial data input pin. Conforms to the SMBUS specification of a Slave
Receive/Transmit device. This pin is an input when receiving data. It is an open
drain output when acknowledging or transmitting data. See 2-Wire SMBUS
Control Interface on page 7.
31
SCLK
VDD
Serial clock input pin. Conforms to the SMBUS specification. See 2-Wire
SMBUS Control Interface on page 7.
32
PD#
VDD
3.3V LVTTL-compatible input. When held LOW, the device enters a power down
mode. This pin has an Internal Pull-Up. See Power Management Functions on
page 3.
33
TEST#
VDD
3.3V LVTTL compatible input for selecting test mode. See Table 1.
38
DCLK
VDDS
3.3V SDRAM feedback clock output. See Table 1 for frequency selection. See
Figure 4 for timing relationship.
39, 40, 42, 43,
45, 46
SDRAM(0:5)
VDDS 3.3V SDRAM clock outputs
54, 55
IOAPIC(0,1)
VDDI
2.5V IOAPIC clock outputs. See Figure 4 for timing relationships.
37, 44
VDDS
3.3V Power for SDRAM and DCLK clock output buffers
17
VDDP
3.3V Power for PCI clock output buffers
53
VDDI
2.5V Power for IOAPIC clock output buffers
51
VDDC
2.5V Power for CPU clock output buffers
2, 10, 27, 35
VDD
3.3V Common power supply
22
AVDD
Analog power
23
AVSS
Analog ground
5, 6, 14, 21, 24,
41, 47, 48, 56
VSS
Common ground pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com