Electronic Components Datasheet Search
  English  ▼

X  

MF06P Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF06P
Description  RoHS compliant and Halogen free and Lead free products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06P Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Approval sheet
Page 7 of 8
ASC_MFxxP_AUTO_V01
JUL 2017
CATALOGUE NUMBERS
The resistors have a catalogue number starting with:
MF06
P
1002
F
T
L
Size code
MF06: 0603
MF08: 0805
MF12: 1206
MF10: 1210
MF20: 2010
MF25: 2512
Type code
P :Power
0603 size = 1/8W
0805 size = 1/4W
1206 size = 1/2W
1210 size = 1/2W
2010 size = 1W
2512 size = 2W
Resistance code
5%, E24:
2 significant digits followed by
No. of
zeros
e.g.:
3ohm
=3R0
10ohm
=100
56Kohm
=563
1%, E24+E96:
3 significant digits followed by
No. of zeros
100
=1000
37.4K
=3742
Tolerance
J :
5%
F :
1%
P : Jumper
Packaging code
T
: 7” Reeled
taping
.
Termination code
L = Sn base
(lead free)
Reeled tape packaging
: 8mm width paper taping 5000pcs per 7” reel for 0603-1210 sizes.
Reeled tape packaging
: 12mm width plastic taping 4
000pcs per 7” reel for 2010, 2512 sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com