Electronic Components Datasheet Search
  English  ▼

X  

MF06P Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF06P
Description  RoHS compliant and Halogen free and Lead free products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06P Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Approval sheet
Page 8 of 8
ASC_MFxxP_AUTO_V01
JUL 2017
TEST AND REQUIREMENTS ( refer to AEC Q200 )
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
Resistor
Electrical Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural resistance change per change in degree
centigrade.
6
1
2
1
1
2
10
t
t
R
R
R
(ppm/
C)
t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Within the specified tolerance
Refer to “QUICK REFERENCE
DATA”
Resistance to soldering
heat(R.S.H)
MIL-STD-202
method 210
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at
270℃±5ºC
ΔR/R max.
(1.0%+0.05)
no visible damage
Solderability
J-STD-002
a) Bake the sample for 155℃ dwell time 4hrs/ solder
dipping 235℃/ 5sec.
b) Steam the sample dwell time 8 hour/ solder dipping 215
℃/ 5sec.
c) Steam the sample dwell time 8 hour/ solder dipping 260
℃/ 7sec.
95%
coverage
min.,
good
tinning and no visible damage
Temperature cycling
JESD22
Method JA-104
1000 cycles,
-55℃
~ +155℃, dwell
time
30min
maximum.
R/R max. (0.5%+0.05)
No visible damage
Moisture Resistance
MIL-STD-202
method 106
65
2C, 80~100% RH, 10 cycles, 24 hours/ cycle
R/R max. (0.5%+0.05)
No visible damage
Bias Humidity
MIL-STD-202
method 103
1000+48/-0 hours; 85
C, 85% RH, 10% of operation
power
R/R max. (1.0%+0.05)
No visible damage
Operational Life
MIL-STD-202
method
108
1000+48/-0 hours; 35% of operation power, 125
2C
R/R max. (1.0%+0.05)
No visible damage
High Temperature Exposure
MIL-STD-202
Method 108
1000+48/-0 hours; without load
in
a temperature
chamber controlled 155
3C
R/R max. (1.0%+0.05)
No visible damage
Board Flex
AEC-Q200-005
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4),bending once 2mm for 60sec.
R/R max. (0.5%+0.05)
No visible damage
Terminal strength
AEC-Q200-006
Force: 1.8Kg, Test time: 60±1sec.
No
remarkable
damage
or
removal of the terminations
Thermal shock
MIL-STD-202
method 107
Test
–55 to 155℃/ dwell time 15min/ Max transfer time
20sec 300cycles
R/R max. (0.5%+0.05)
No visible damage
ESD
AEC-Q200-002
Test contact min.1.0KV
R/R max. (1.0%+0.1)
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com